Electronic Components Datasheet Search
  English  ▼

X  

71M6543HT Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # 71M6543HT
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button 71M6543HT Datasheet HTML 12Page - Maxim Integrated Products 71M6543HT Datasheet HTML 13Page - Maxim Integrated Products 71M6543HT Datasheet HTML 14Page - Maxim Integrated Products 71M6543HT Datasheet HTML 15Page - Maxim Integrated Products 71M6543HT Datasheet HTML 16Page - Maxim Integrated Products 71M6543HT Datasheet HTML 17Page - Maxim Integrated Products 71M6543HT Datasheet HTML 18Page - Maxim Integrated Products 71M6543HT Datasheet HTML 19Page - Maxim Integrated Products 71M6543HT Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
Maxim Integrated │ 16
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Pin Descriptions (continued)
PIN
NAME
TYPE CIRCUIT
FUNCTION
100
DIGITAL PINS
12–15
COM0–COM3
O
5
LCD Common Outputs. These four pins provide the select signals for the
LCD display.
45
SEGDIO0/WPULSE
I/O
3, 4, 5
Multiple-UsePins.ConfigurableaseitherLCDsegmentdriverorDIO.
Alternative functions with proper selection of associated I/O RAM registers
are:
SEGDIO0 = WPULSE
SEGDIO1 = VPULSE
SEGDIO2 = SDCK
SEGDIO3 = SDATA
SEGDIO6 = XPULSE
SEGDIO7 = YPULSE
SEGDIO8 = DI
SEGDIO16 = RX3
SEGDIO17 = TX3
UnusedpinsmustbeconfiguredasoutputsorterminatedtoV3P3/GNDD.
44
SEGDIO1/VPULSE
43
SEGDIO2/SDCK
42
SEGDIO3/SDATA
41
SEGDIO4
39
SEGDIO5
38
SEGDIO6/XPULSE
37
SEGDIO7/YPULSE
36
SEGDIO8/DI
35–30
SEGDIO[9:14]
29–27
SEGDIO[15:17]
25
SEGDIO[18]
24–18
SEGDIO[19:25]
11–4
SEGDIO[28:35]
95–94
SEGDIO[44:45]
99–96
SEGDIO[40:43]
52
SEGDIO52
51
SEGDIO53
47
SEGDIO54
17
SEGDIO26/COM5
I/O
3, 4, 5
Multiple-UsePins.ConfigurableaseitherLCDsegmentdriverorDIOwith
alternative function (LCD common drivers).
16
SEGDIO27/COM4
3
SPI_CSZ/SEGDIO36
I/O
3, 4, 5
Multiple-UsePins.ConfigurableaseitherLCDsegmentdriverorDIOwith
alternative function (SPI interface).
2
SPI_DO/SEGDIO37
1
SPI_DI/SEGDIO38
100
SPI_CKI/SEGDIO39
53
OPT_TX/SEGDIO51
I/O
3, 4, 5
Multiple-UsePins,configurableaseitherLCDsegmentdriverorDIOwith
alternative function (optical port/UART1)
46
OPT_RX/SEGDIO55
58
E_RXTX/SEG48
I/O
1, 4, 5
MultiusePins.Configurableaseitheremulatorportpins(whenICE_E
pulled high) or LCD segment drivers (when ICE_E tied to GND).
56
E_RST/SEG50
57
E_TCLK/SEG49
O
4, 5
59
ICE_E
I
2
ICE Enable. When zero, E_RST, E_TCLK, and E_RXTX become SEG50,
SEG49, and SEG48, respectively. For production units, this pin should be
pulled to GND to disable the emulator port.
92
TMUXOUT/SEG47
O
4, 5
Multiple-UsePins.Configurableaseithermultiplexer/clockoutputorLCD
segment driver using the I/O RAM registers.
93
TMUX2OUT/SEG46
91
RESET
I
2
Chip Reset. This input pin is used to reset the chip into a known state. For
normal operation, this pin is pulled low. To reset the chip, this pin should
be pulled high. This pin has an internal 30FA (nominal) current source
pulldown. No external reset circuitry is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com