Electronic Components Datasheet Search
  English  ▼

X  

MAX77801 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77801
Description  5.5V Input, 2A, High-Efficiency Buck-Boost Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77801 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77801 Datasheet HTML 17Page - Maxim Integrated Products MAX77801 Datasheet HTML 18Page - Maxim Integrated Products MAX77801 Datasheet HTML 19Page - Maxim Integrated Products MAX77801 Datasheet HTML 20Page - Maxim Integrated Products MAX77801 Datasheet HTML 21Page - Maxim Integrated Products MAX77801 Datasheet HTML 22Page - Maxim Integrated Products MAX77801 Datasheet HTML 23Page - Maxim Integrated Products MAX77801 Datasheet HTML 24Page - Maxim Integrated Products MAX77801 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Operating in high-speed mode requires some special
considerations. For the full list of considerations, refer to
the I2C 3.0 specification. The major considerations with
respect to the MAX77801 are:
● I2C bus master uses current source pullups to
shorten the signal rise times.
● I2C slave must use a different set of input filters
on its SDA and SCL lines to accommodate for the
higher bus speed.
● The communication protocols need to utilize the
high-speed master code.
At power-up and after each STOP condition, the
MAX77801 input filters are set for standard mode, fast
mode, or fast mode plus (i.e., 0Hz to 1MHz). To switch
the input filters for high-speed mode, use the high-
speed master code protocols that are described in the
Communication Protocols section.
Communication Protocols
The MAX77801 supports both writing and reading from
its registers. The following sections show the I2C com-
munication protocols for each functional block. The power
block uses the same communications protocols.
Writing to a Single Register
Figure 13 shows the protocol for I2C master device to
write one byte of data to the MAX77801. This protocol is
the same as SMBus specification’s write byte protocol.
The write byte protocol is as follows:
1. The master sends a START command.
2. The master sends the 7-bit slave address followed by
a write bit (R/W 0).
3. The addressed slave asserts an ACKNOWLEDGE by
pulling SDA low.
4. The master sends an 8-bit register pointer.
5. The slave acknowledges the register pointer.
6. The master sends a data byte.
7. The slave acknowledges the data byte. At the rising
edge of SCL, the data byte will be loaded into its tar-
get register and the data becomes active.
8. The master sends a STOP condition or a REPEATED
START condition. Issuing a STOP ensures that the
bus input filters are set for 1MHz or slower operation.
Issuing a REPEATED START leaves the bus input
filters in their current state.
Writing to a Sequential Register
Figure 14 shows the protocol for writing to a sequential
registers. This protocol is similar to the write byte proto-
col, except the master continues to write after it receives
the first byte of data. When the master is done writing,
it issues a STOP or REPEATED START. The writing to
sequential registers protocol is as follows:
1. The master sends a START command.
2. The master sends the 7-bit slave address followed by
a write bit (R/W = 0).
3. The addressed slave asserts an ACKNOWLEDGE by
pulling SDA low.
4. The master sends an 8-bit register pointer.
5. The slave acknowledges the register pointer.
6. The master sends a data byte.
7. The slave acknowledges the data byte. At the rising
edge of SCL, the data byte will be loaded into its tar-
get register and the data becomes active.
8. Steps 6 to 7 are repeated as many times as the
master requires. During the last acknowledge related
clock pulse, the slave can issue an ACKNOWLEDGE.
9. The master sends a STOP condition or a REPEATED
START condition. Issuing a STOP ensures that the
bus input filters are set for 1MHz or slower operation.
Issuing a REPEATED START leaves the bus input
filters in their current state.
MAX77801
5.5V Input, 2A, High-Efficiency
Buck-Boost Converter
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com