Electronic Components Datasheet Search
  English  ▼

X  

MAX77801 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77801
Description  5.5V Input, 2A, High-Efficiency Buck-Boost Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77801 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77801 Datasheet HTML 1Page - Maxim Integrated Products MAX77801 Datasheet HTML 2Page - Maxim Integrated Products MAX77801 Datasheet HTML 3Page - Maxim Integrated Products MAX77801 Datasheet HTML 4Page - Maxim Integrated Products MAX77801 Datasheet HTML 5Page - Maxim Integrated Products MAX77801 Datasheet HTML 6Page - Maxim Integrated Products MAX77801 Datasheet HTML 7Page - Maxim Integrated Products MAX77801 Datasheet HTML 8Page - Maxim Integrated Products MAX77801 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
(VSYS = VIN = +3.8V, VFB = VOUT = +3.3V, TJ = -40°C to +125°C, typical values are at TA ≈ TJ = +25°C, unless otherwise noted.) (Note 2)
(VSYS = 3.8V, VIO = 1.8V, TJ = -40°C to +125°C, typical values are at TA ≈ TJ = +25°C, unless otherwise noted.) (Note 2)
Buck-Boost Electrical Characteristics (continued)
I2C Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VSYS UNDERVOLTAGE LOCKOUT
VSYS Undervoltage Lockout
Threshold
VUVLO_R
VSYS rising
2.375
2.50
2.625
V
VUVLO_F
VSYS falling (default)
2.05
V
LOGIC AND CONTROL INPUTS
Input Low Level
VIL
EN, DVS, VSYS ≤ 4.5V, TA = +25°C
0.4
V
Input High Level
VIH
EN, DVS, VSYS ≤ 4.5V, TA = +25°C
1.2
V
POK Output Low Voltage
VOL
ISINK = 1mA
0.4
V
POK Output High Leakage
IOZH_25C
TJ = +25°C
-1
+1
µA
IOZH_125C
TJ = +125°C
0.1
µA
INTERNAL PULLDOWN RESISTANCE
EN, DVS
RPD
Pulldown resistor to GND
400
800
1600
kΩ
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
VIO Voltage Range
VIO
1.7
3.6
V
SDA AND SCL I/O STAGES
SCL, SDA Input High Voltage
VIH
0.7 x VIO
V
SCL, SDA Input Low Voltage
VIL
0.3 x VIO
V
SCL, SDA Input Hysteresis
VHYS
0.05 x VIO
V
SCL, SDA Input Current
II
VIO = 3.8V
-10
+10
µA
SDA Output Low Voltage
VOL
ISINK = 20mA
0.4
V
SCL, SDA Input Capacitance
CI
10
pF
Output Fall Time from VIO
to 0.3 x VIO
tOF
120
ns
I2C-COMPATIBLE INTERFACE TIMING (STANDARD, FAST, AND FAST MODE PLUS) (Note 3)
Clock Frequency
fSCL
1000
kHz
Hold Time (REPEATED)
START Condition
tHD;STA
0.26
µs
SCL Low Period
tlow
0.5
µs
SCL High Period
thigh
0.26
µs
Setup Time REPEATED
START Condition
tSU_STA
0.26
µs
MAX77801
5.5V Input, 2A, High-Efficiency
Buck-Boost Converter
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com