Electronic Components Datasheet Search
  English  ▼

X  

LM5106MM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5106MM
Description  100V Half Bridge Gate Driver with Programmable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5106MM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5106MM Datasheet HTML 4Page - National Semiconductor (TI) LM5106MM Datasheet HTML 5Page - National Semiconductor (TI) LM5106MM Datasheet HTML 6Page - National Semiconductor (TI) LM5106MM Datasheet HTML 7Page - National Semiconductor (TI) LM5106MM Datasheet HTML 8Page - National Semiconductor (TI) LM5106MM Datasheet HTML 9Page - National Semiconductor (TI) LM5106MM Datasheet HTML 10Page - National Semiconductor (TI) LM5106MM Datasheet HTML 11Page - National Semiconductor (TI) LM5106MM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Operational Notes (Continued)
1.
Low ESR / ESL capacitors must be connected close to
the IC between VDD and VSS pins and between HB and
HS pins to support high peak currents being drawn from
VDD and HB during the turn-on of the external MOS-
FETs.
2.
To prevent large voltage transients at the drain of the top
MOSFET, a low ESR electrolytic capacitor and a good
quality ceramic capacitor must be connected between
the MOSFET drain and ground (VSS).
3.
In order to avoid large negative transients on the switch
node (HS) pin, the parasitic inductances between the
source of the top MOSFET and the drain of the bottom
MOSFET (synchronous rectifier) must be minimized.
4.
Grounding considerations:
a) The first priority in designing grounding connections is
to confine the high peak currents that charge and dis-
charge the MOSFET gates to a minimal physical area.
This will decrease the loop inductance and minimize
noise issues on the gate terminals of the MOSFETs. The
gate driver should be placed as close as possible to the
MOSFETs.
b) The second consideration is the high current path that
includes the bootstrap capacitor, the bootstrap diode,
the local ground referenced bypass capacitor, and the
low side MOSFET body diode. The bootstrap capacitor
is recharged on a cycle-by-cycle basis through the boot-
strap diode from the ground referenced VDD bypass
capacitor. The recharging occurs in a short time interval
and involves high peak current. Minimizing this loop
length and area on the circuit board is important to
ensure reliable operation.
5.
The resistor on the RDT pin must be placed very close to
the IC and separated from the high current paths to
avoid noise coupling to the time delay generator which
could disrupt timer operation.
POWER DISSIPATION CONSIDERATIONS
The total IC power dissipation is the sum of the gate driver
losses and the bootstrap diode losses. The gate driver
losses are related to the switching frequency (f), output load
capacitance on LO and HO (C
L), and supply voltage (VDD)
and can be roughly calculated as:
P
DGATES =2 • f • CL • VDD
2
There are some additional losses in the gate drivers due to
the internal CMOS stages used to buffer the LO and HO
outputs. The following plot shows the measured gate driver
power dissipation versus frequency and load capacitance. At
higher frequencies and load capacitance values, the power
dissipation is dominated by the power losses driving the
output loads and agrees well with the above equation. This
plot can be used to approximate the power losses due to the
gate drivers.
Gate Driver Power Dissipation (LO + HO)
V
CC = 12V
20175905
HS TRANSIENT VOLTAGES BELOW GROUND
The HS node will always be clamped by the body diode of
the lower external FET. In some situations, board resis-
tances and inductances can cause the HS node to tran-
siently swing several volts below ground. The HS node can
swing below ground provided:
1.
HS must always be at a lower potential than HO. Pulling
HO more than -0.3V below HS can activate parasitic
transistors resulting in excessive current flow from the
HB supply, possibly resulting in damage to the IC. The
same relationship is true with LO and VSS. If necessary,
a Schottky diode can be placed externally between HO
and HS or LO and GND to protect the IC from this type
of transient. The diode must be placed as close to the IC
pins as possible in order to be effective.
2.
HB to HS operating voltage should be 15V or less.
Hence, if the HS pin transient voltage is -5V, VDD should
be ideally limited to 10V to keep HB to HS below 15V.
3.
Low ESR bypass capacitors from HB to HS and from
VCC to VSS are essential for proper operation. The
capacitor should be located at the leads of the IC to
minimize series inductance. The peak currents from LO
and HO can be quite large. Any inductances in series
with the bypass capacitor will cause voltage ringing at
the leads of the IC which must be avoided for reliable
operation.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com