Electronic Components Datasheet Search
  English  ▼

X  

SISF04DN Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SISF04DN
Description  Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISF04DN Datasheet(HTML) 7 Page - Vishay Siliconix

  SISF04DN Datasheet HTML 1Page - Vishay Siliconix SISF04DN Datasheet HTML 2Page - Vishay Siliconix SISF04DN Datasheet HTML 3Page - Vishay Siliconix SISF04DN Datasheet HTML 4Page - Vishay Siliconix SISF04DN Datasheet HTML 5Page - Vishay Siliconix SISF04DN Datasheet HTML 6Page - Vishay Siliconix SISF04DN Datasheet HTML 7Page - Vishay Siliconix SISF04DN Datasheet HTML 8Page - Vishay Siliconix SISF04DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 18-Dec-17
1
Document Number: 76263
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 1212-8S CD with Flip Chip
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.80
0.027
0.029
0.031
A1
0
0.02
0.05
0
0.001
0.002
b
0.27
0.32
0.37
0.011
0.013
0.015
c
-
0.20 ref.
-
-
0.008 ref.
-
D
3.20
3.30
3.40
0.126
0.130
0.134
D1
1.76
1.86
1.96
0.069
0.073
0.077
E
3.20
3.30
3.40
0.126
0.130
0.134
E1
1.18
1.28
1.38
0.046
0.050
0.054
e
0.60
0.65
0.70
0.024
0.026
0.028
K
0.50 typ.
0.020 typ.
K1
0.35 typ.
0.014 typ.
H
0.10
0.20
0.30
0.006
0.008
0.010
L
0.84
0.94
1.04
0.033
0.037
0.041
ECN: C17-1732-Rev. A, 18-Dec-17
DWG: 6061
1
2
3
4
5
6
7
8
D1
K
L
H
D
A
D
A1
c
A
B
0.1 C
2 x
Pin 1 dot
Backside view
0.1 C
2 x
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com