Electronic Components Datasheet Search
  English  ▼

X  

SISF04DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SISF04DN
Description  Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISF04DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SISF04DN Datasheet HTML 1Page - Vishay Siliconix SISF04DN Datasheet HTML 2Page - Vishay Siliconix SISF04DN Datasheet HTML 3Page - Vishay Siliconix SISF04DN Datasheet HTML 4Page - Vishay Siliconix SISF04DN Datasheet HTML 5Page - Vishay Siliconix SISF04DN Datasheet HTML 6Page - Vishay Siliconix SISF04DN Datasheet HTML 7Page - Vishay Siliconix SISF04DN Datasheet HTML 8Page - Vishay Siliconix SISF04DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SiSF04DN
www.vishay.com
Vishay Siliconix
S19-0764-Rev. A, 02-Sep-2019
1
Document Number: 77230
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
FEATURES
• TrenchFET® Gen IV power MOSFET
• Very low source-to-source on resistance
• Integrated common-drain n-channel MOSFETs
in a compact and thermally enhanced package
• 100 % Rg and UIS tested
• Optimizes circuit layout for bi-directional current flow
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Battery protection switch
• Bi-directional switch
•Load switch
Notes
a. TC = 25 °C
b. Surface mounted on 1" x 1" FR4 board
c. t = 10 s
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8SCD is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
f. Maximum under steady state conditions is 63 °C/W
g. Single MOSFET
PRODUCT SUMMARY
VS1S2 (V)
30
RS1S2(on) max. () at VGS = 10 V
0.0040
RS1S2(on) max. () at VGS = 4.5 V
0.0060
Qg typ. (nC) g
19
IS1S2 (A) a
108
Configuration
Common drain
PowerPAK® 1212-8SCD
1
G
1
2
D
1
3
D
2
4
G
2
S
1
8
S
1
7
S
2
6
S
2
5
S
1
S
2
Top View
Bottom View
3.3
mm
1
3.3
mm
N-Channel 1 MOSFET
N-Channel 2 MOSFET
G
2
S
2
G
1
S
1
ORDERING INFORMATION
Package
PowerPAK 1212-8SCD
Lead (Pb)-free and halogen-free
SiSF04DN-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VS1S2
30
V
Gate-source voltage
VGS
+16 / -12
Continuous drain current (TJ = 150 °C)
TC = 25 °C
IS1S2
108
A
TC = 70 °C
86
TA = 25 °C
30 b, c
TA = 70 °C
24 b, c
Pulsed drain current (t = 100 μs)
IS1S2M
190
Maximum power dissipation
TC = 25 °C
PD
69.4
W
TC = 70 °C
44.4
TA = 25 °C
5.2 b, c
TA = 70 °C
3.3 b, c
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) c
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient b
t
 10 s
RthJA
19
24
°C/W
Maximum junction-to-case (drain)
Steady state
RthJC
1.4
1.8


Similar Part No. - SISF04DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISF00DN VISHAY-SISF00DN Datasheet
270Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
09-Nov-2020
SISF00DN-T1-GE3 VISHAY-SISF00DN-T1-GE3 Datasheet
270Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
09-Nov-2020
SISF02DN VISHAY-SISF02DN Datasheet
231Kb / 9P
Common Drain Dual N-Channel 25 V (S1-S2) MOSFET
04-Feb-2019
SISF02DN-T1-GE3 VISHAY-SISF02DN-T1-GE3 Datasheet
231Kb / 9P
Common Drain Dual N-Channel 25 V (S1-S2) MOSFET
04-Feb-2019
SISF06DN VISHAY-SISF06DN Datasheet
225Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
13-Jan-2020
More results

Similar Description - SISF04DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET, Common Drain
18-Feb-02
logo
General Semiconductor
GF6968A GE-GF6968A Datasheet
152Kb / 5P
Common-Drain Dual N-Channel MOSFET
logo
Texas Instruments
CSD87501L TI-CSD87501L_15 Datasheet
896Kb / 12P
CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PKE24DB NIKOSEM-PKE24DB Datasheet
309Kb / 6P
Dual Common Drain N-Channel MOSFET
logo
Vishay Siliconix
SISF20DN VISHAY-SISF20DN Datasheet
235Kb / 9P
Common - Drain Dual N-Channel 60 V (S1-S2) MOSFET
10-Dec-2018
logo
Wuxi U-NIKC Semiconduct...
PB554DY UNIKC-PB554DY Datasheet
462Kb / 5P
Dual Common Drain N-Channel MOSFET
logo
Vishay Siliconix
SISF00DN VISHAY-SISF00DN Datasheet
270Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
09-Nov-2020
SISF02DN VISHAY-SISF02DN Datasheet
231Kb / 9P
Common Drain Dual N-Channel 25 V (S1-S2) MOSFET
04-Feb-2019
SISF20DN VISHAY-SISF20DN_V01 Datasheet
230Kb / 9P
Common - Drain Dual N-Channel 60 V (S1-S2) MOSFET
10-Dec-2018
SISF06DN VISHAY-SISF06DN Datasheet
225Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
13-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com