Electronic Components Datasheet Search
  English  ▼

X  

MAX17232 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17232
Description  3.5V??6V, 2.2MHz, Synchronous Dual Buck Con with 20關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17232 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17232 Datasheet HTML 16Page - Maxim Integrated Products MAX17232 Datasheet HTML 17Page - Maxim Integrated Products MAX17232 Datasheet HTML 18Page - Maxim Integrated Products MAX17232 Datasheet HTML 19Page - Maxim Integrated Products MAX17232 Datasheet HTML 20Page - Maxim Integrated Products MAX17232 Datasheet HTML 21Page - Maxim Integrated Products MAX17232 Datasheet HTML 22Page - Maxim Integrated Products MAX17232 Datasheet HTML 23Page - Maxim Integrated Products MAX17232 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Applications Information
Layout Recommendations
Careful PCB layout is critical to achieve low switching
losses and clean, stable operation. The switching power
stage requires particular attention (Figure 3). If possible,
mount all the power components on the top side of the
board, with their ground terminals flush against one
another. Follow these guidelines for good PCB layout:
● Keep the high-current paths short, especially at the
ground terminals. This practice is essential for stable,
jitter-free operation.
● Keep the power traces and load connections short.
This practice is essential for high efficiency. Using
thick copper PCBs (2oz vs. 1oz) can enhance full
load efficiency by 1% or more.
● Minimize current-sensing errors by connecting CS_
and OUT_. Use kelvin sensing directly across the
current-sense resistor (RSENSE_).
● Route high-speed switching nodes (BST_, LX_, DH_,
and DL_) away from sensitive analog areas (FB_,
CS_, and OUT_).
Layout Procedure
1) Place the power components first, with ground
terminals adjacent (low-side FET, CIN, COUT_, and
Schottky). If possible, make all these connections on
the top layer with wide, copper-filled areas.
2) Mount the controller IC adjacent to the low-side
MOSFET, preferably on the back side opposite NL_
and NH_ to keep LX_, GND, DH_, and the DL_ gate
drive lines short and wide. The DL_ and DH_ gate
traces must be short and wide (50 mils to 100 mils
wide if the MOSFET is 1in from the controller IC) to
keep the driver impedance low and for proper adaptive
dead-time sensing.
3) Group the gate-drive components (BST_ diode and
capacitor and LDO bypass capacitor BIAS) together
near the controller IC. Be aware that gate currents of
up to 1A flow from the bootstrap capacitor to BST_,
from DH_ to the gate of the external HS switch and
from the LX_ pin to the inductor. Up to 100mA of
current flow from the BIAS capacitor through the
bootstrap diode to the bootstrap capacitor. Dimension
those traces accordingly.
4) Make the DC-DC controller ground connections as
shown in Figure 3. This diagram can be viewed as
having two separate ground planes: power ground,
where all the high-power components go; and an
analog ground plane for sensitive analog components.
The analog ground plane and power ground plane
must meet only at a single point directly under the IC.
5) Connect the output power planes directly to the output
filter capacitor positive and negative terminals with
multiple vias. Place the entire DC-DC converter circuit
as close to the load as is practical.
Figure 3. Layout Example
INDUCTOR
COUT
COUT
INPUT
KELVIN-SENSE VIAS
UNDER THE SENSE RESISTOR
(REFER TO THE EVALUATION KIT)
GROUND
OUTPUT
LOW-SIDE
n-CHANNEL
MOSFET (NH)
HIGH-SIDE
n-CHANNEL
MOSFET (NL)
MAX17232/MAX17233
3.5V–36V, 2.2MHz, Synchronous Dual Buck
Controller with 20µA Quiescent Current
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com