Electronic Components Datasheet Search
  English  ▼

X  

MAX17232 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17232
Description  3.5V??6V, 2.2MHz, Synchronous Dual Buck Con with 20關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17232 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17232 Datasheet HTML 1Page - Maxim Integrated Products MAX17232 Datasheet HTML 2Page - Maxim Integrated Products MAX17232 Datasheet HTML 3Page - Maxim Integrated Products MAX17232 Datasheet HTML 4Page - Maxim Integrated Products MAX17232 Datasheet HTML 5Page - Maxim Integrated Products MAX17232 Datasheet HTML 6Page - Maxim Integrated Products MAX17232 Datasheet HTML 7Page - Maxim Integrated Products MAX17232 Datasheet HTML 8Page - Maxim Integrated Products MAX17232 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
(VIN = 14V, VBIAS = 5V, CBIAS = 6.8µF, TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C under
normal conditions, unless otherwise noted.) (Note 2)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Regulated Feedback Voltage
VFB1,2
0.99
1.0
1.01
V
Feedback Leakage Current
IFB1,2
TA = +25°C
0.01
1
µA
Feedback Line Regulation Error
VIN = 3.5V to 36V, VFB = 1V
0.001
%/V
Transconductance
(from FB_ to COMP_)
gm
VFB = 1V, VBIAS = 5V
1200
2400
µS
Dead Time
MAX17233: DL_ low to DH_ high
35
ns
MAX17233: DH_ low to DL_ high
60
MAX17232: DL_ low to DH_ high
60
MAX17232: DH_ low to DL_ high
100
Maximum Duty Cycle
Buck 1, buck 2
95
98.5
%
Minimum On-Time
tON(MIN)
Buck 1, buck 2
50
ns
PWM Switching Frequency
fSW
MAX17233
1
2.2
MHz
MAX17232
0.2
1
Buck 2 Switching Frequency
MAX17233ATIT+,
MAX17233BATIU+ only
1/2fSW
MHz
Switching Frequency Accuracy
MAX17233: RFOSC = 13.7kΩ,
VBIAS = 5V
1.98
2.2
2.42
MHz
MAX17232: RFOSC = 80.6kΩ,
VBIAS = 5V
360
400
440
kHz
Spread-Spectrum Range
Spread spectrum enabled
±6
%
FSYNC INPUT
FSYNC Frequency Range
MAX17233: Minimum sync pulse of 100ns
1.2
2.4
MHz
MAX17232: Minimum sync pulse of 400ns
240
1200
kHz
FSYNC Switching Thresholds
High threshold
1.5
V
Low threshold
0.6
CS Current-Limit Voltage
Threshold
VLIMIT1,2
VCS – VOUT, VBIAS = 5V, VOUT ≥ 2.5V
64
80
96
mV
Skip Mode Threshold
15
mV
Soft-Start Ramp Time
Buck 1 and buck 2, fixed soft-start time
regardless of frequency
2
6
10
ms
Phase Shift Between Buck1 and
Buck 2
180
°
LX1, LX2 Leakage Current
VIN = 6V, VLX_ = VIN, TA = +25°C
0.01
µA
DH1, DH2 Pullup Resistance
VBIAS = 5V, IDH_ = -100mA
10
20
Ω
DH1, DH2 Pulldown Resistance
VBIAS = 5V, IDH_ = +100mA
2
4
Ω
DL1, DL2 Pullup Resistance
VBIAS = 5V, IDL_ = -100mA
4
8
Ω
DL1, DL2 Pulldown Resistance
VBIAS = 5V, IDL_ = +100mA
1.5
3
Ω
MAX17232/MAX17233
3.5V–36V, 2.2MHz, Synchronous Dual Buck
Controller with 20µA Quiescent Current
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com