Electronic Components Datasheet Search
  English  ▼

X  

ADP1850 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 7Page - Analog Devices ADP1850 Datasheet HTML 8Page - Analog Devices ADP1850 Datasheet HTML 9Page - Analog Devices ADP1850 Datasheet HTML 10Page - Analog Devices ADP1850 Datasheet HTML 11Page - Analog Devices ADP1850 Datasheet HTML 12Page - Analog Devices ADP1850 Datasheet HTML 13Page - Analog Devices ADP1850 Datasheet HTML 14Page - Analog Devices ADP1850 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADP1850
Rev. C | Page 11 of 32
50
100
150
200
250
300
350
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
VIN (V)
DH MINIMUM OFF TIME
DH MINIMUM ON TIME
Figure 16. Typical DH Minimum On Time and Off Time
–4
–3
–2
–1
0
1
2
3
4
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
DH MINIMUM ON TIME
DH MINIMUM OFF TIME
Figure 17. DH Minimum On Time and Off Time Over Temperature
25
35
34
33
32
31
30
29
28
27
26
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VIN = 12V
OUTPUT IS LOADED
HS FET = BSC080N03LS
LS FET = BSC030N03LS
DEAD TIME BETWEEN SW FALLING EDGE
AND DL RISING EDGE, INCLUDING DIODE RECOVERY TIME
Figure 18. Dead Time vs. Temperature
25
45
43
41
39
37
35
33
31
29
27
0
20
15
10
5
VIN (V)
TA = 25°C
OUTPUT IS LOADED
HS FET = BSC080N03LS
LS FET = BSC030N03LS
DEAD TIME BETWEEN SW FALLING EDGE
AND DL RISING EDGE, INCLUDING DIODE RECOVERY TIME
Figure 19. Dead Time vs. VIN
400
420
440
460
480
500
520
540
560
580
600
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
VIN = 2.75V TO 20V
Figure 20. Gm of Error Amplifier vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
VIN = 2.75V, SOURCING
VIN = 12V, SOURCING
VIN = 2.75V, SINKING
VIN = 12V, SINKING
Figure 21. Driver Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com