Electronic Components Datasheet Search
  English  ▼

X  

ADP1850 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 19Page - Analog Devices ADP1850 Datasheet HTML 20Page - Analog Devices ADP1850 Datasheet HTML 21Page - Analog Devices ADP1850 Datasheet HTML 22Page - Analog Devices ADP1850 Datasheet HTML 23Page - Analog Devices ADP1850 Datasheet HTML 24Page - Analog Devices ADP1850 Datasheet HTML 25Page - Analog Devices ADP1850 Datasheet HTML 26Page - Analog Devices ADP1850 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADP1850
Rev. C | Page 23 of 32
VOLTAGE TRACKING
The ADP1850 includes a tracking feature that tracks a master
voltage. This feature is especially important when the ADP1850
is providing separate power supply voltages to a single integrated
circuit, such as the core and I/O voltages of a DSP, FPGA, or
microcontroller. In these cases, improper sequencing can cause
damage to the load IC.
In all tracking configurations, the output can be set as low as 0.6 V
for a given operating condition. The soft start time setting of
the master voltage should be longer than the soft start of the
slave voltage. This forces the rise time of the master voltage to
be imposed on the slave voltage. If the soft start setting of the
slave voltage is longer, the slave comes up more slowly, and the
tracking relationship is not seen at the output.
Two tracking configurations are possible with the ADP1850:
coincident and ratiometric trackings.
Coincident Tracking
The most common application is coincident tracking, used in
core vs. I/O voltage sequencing and similar applications.
Coincident tracking forces the slave output voltage’s ramp rate
to be the same as the master’s until the slave output reaches its
regulation. Connect the slave TRKx input to a resistor divider
from the master voltage that is the same as the divider used on
the slave FBx pin. This forces the slave voltage to be the same as
the master voltage. For coincident tracking, use RTRKT = RTOP
and RTRKB = RBOT, as shown in Figure 37.
TIME
SLAVE VOLTAGE
MASTER VOLTAGE
Figure 36. Coincident Tracking
ADP1850
EN2
EN1
EN
FB2
FB1
TRK1
SS1
VCCO
TRK2
SS2
10kΩ
45.3kΩ
RTRKB
10kΩ
RTRKT
20kΩ
1.1V
3.3V
VOUT1_MASTER
CSS2
20nF
CSS1
100nF
RBOT
10kΩ
RTOP
20kΩ
1.8V
VOUT2_SLAVE
Figure 37. Example of a Coincident Tracking Circuit
The ratio of the slave output voltage to the master voltage is a
function of the two dividers.


+


+
=
TRKB
TRKT
BOT
TOP
MASTER
OUT
SLAVE
OUT
R
R
R
R
V
V
1
1
_
_
As the master voltage rises, the slave voltage rises identically.
Eventually, the slave voltage reaches its regulation voltage,
where the internal reference takes over the regulation while the
TRKx input continues to increase and thus removes itself from
influencing the output voltage.
To ensure that the output voltage accuracy is not compromised
by the TRKx pin being too close in voltage to the reference voltage
(VFB, typically 0.6 V), make sure that the final value of the TRKx
voltage of the slave channel is at least 30 mV above VFB.
Ratiometric Tracking
Ratiometric tracking limits the output voltage to a fraction of
the master voltage, as illustrated in Figure 38 and Figure 39. The
final TRKx voltage of the slave channel should be set to at least
30 mV below the FB voltage of the master channel. When the
TRKx voltage of the slave channel drops to a level that’s below
the minimum on-time condition, the slave channel operates in
pulse skip mode while keeping the output regulated and tracked
to the master channel. Also, when TRKx or FBx drops below
the PGOOD undervoltage threshold, the PGOOD signal gets
tripped and becomes active low.
TIME
SLAVE VOLTAGE
MASTER VOLTAGE
Figure 38. Ratiometric Tracking
ADP1850
EN2
EN1
EN
FB2
FB1
TRK1
SS1
VCCO
TRK2
SS2
10kΩ
45.3kΩ
RTRKB
10kΩ
RTRKT
49.9kΩ
0.6V
0.55V
3.3V
VOUT1_MASTER
CSS2
20nF
CSS1
37nF
RBOT
10kΩ
RTOP
22.6kΩ
1.8V
VOUT2_SLAVE
0.55V
Figure 39. Example of a Ratiometric Tracking Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com