Electronic Components Datasheet Search
  English  ▼

X  

ADP2126 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2126
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2126 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2126 Datasheet HTML 3Page - Analog Devices ADP2126 Datasheet HTML 4Page - Analog Devices ADP2126 Datasheet HTML 5Page - Analog Devices ADP2126 Datasheet HTML 6Page - Analog Devices ADP2126 Datasheet HTML 7Page - Analog Devices ADP2126 Datasheet HTML 8Page - Analog Devices ADP2126 Datasheet HTML 9Page - Analog Devices ADP2126 Datasheet HTML 10Page - Analog Devices ADP2126 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADP2126/ADP2127
Rev. B | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6 V, fEXTCLK = 10 MHz, VOUT = 1.20 V, L = 1.0 μH (CKP1608S1R0), CIN = 2.2 μF (GRM153R60J225ME95), COUT = 2.2 μF
(GRM153R60G225M), and TA = 25°C, unless otherwise noted.
90
0
10
20
30
40
50
60
70
80
1
10
100
1000
LOAD CURRENT (mA)
VIN = 2.1V
VIN = 2.5V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
AUTO MODE
PWM MODE
Figure 5. Efficiency vs. Load Current
90
30
40
50
60
70
80
2.1
5.1
4.6
4.1
3.6
3.1
2.6
INPUT VOLTAGE (V)
ILOAD = 50mA, PWM MODE
ILOAD = 100mA, PWM MODE
ILOAD = 10mA, PFM MODE
ILOAD = 50mA, PFM MODE
ILOAD = 100mA, PFM MODE
ILOAD = 250mA, PFM MODE
Figure 6. Efficiency vs. Input Voltage
1.24
1.23
1.22
1.21
1.19
1.20
1
10
100
1000
LOAD CURRENT (mA)
VIN = 2.1V
VIN = 2.5V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
Figure 7. Auto Mode Output Voltage Accuracy
1.205
1.204
1.203
1.202
1
10
100
1000
LOAD CURRENT (mA)
VIN = 2.1V
VIN = 2.5V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
Figure 8. PWM Mode Output Voltage Accuracy
250
200
150
100
50
0
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
INPUT VOLTAGE (V)
PWM OPERATION
PFM OPERATION
Figure 9. Auto Mode Switching Threshold vs. Input Voltage
60
0
10
20
30
40
50
0
100
200
300
400
500
LOAD CURRENT (mA)
VIN = 2.1V
VIN = 3.6V
VIN = 5.5V
Figure 10. Output Voltage Ripple vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com