Electronic Components Datasheet Search
  English  ▼

X  

SIP1759 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP1759
Description  Buck-Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP1759 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP1759 Datasheet HTML 1Page - Vishay Siliconix SIP1759 Datasheet HTML 2Page - Vishay Siliconix SIP1759 Datasheet HTML 3Page - Vishay Siliconix SIP1759 Datasheet HTML 4Page - Vishay Siliconix SIP1759 Datasheet HTML 5Page - Vishay Siliconix SIP1759 Datasheet HTML 6Page - Vishay Siliconix SIP1759 Datasheet HTML 7Page - Vishay Siliconix SIP1759 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 72949
S09-1453-Rev. D, 03-Aug-09
Vishay Siliconix
SiP1759
Notes:
a. Device Mounted with all leads soldered or welded to PC board.
b. Derate 5.6 mW/°C above 25 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS (all voltages referenced to GND = 0 V)
Parameter
Limit
Unit
Input Voltage (VIN)
- 0.3 to 6
V
OUT SD, FB, ERROR to GND
- 0.3 to 6
CX- to GND
- 0.3 to (VIN + 0.3)
CX+ to GND
- 0.3 to (the greater of VIN or VOUT) + 1)
Storage Temperature
- 55 to 150
°C
Maximum Junction Temperature
150
Power Dissipationa,b
MSOP-10 (TA = 70 °C)
444
mW
RECOMMENDED OPERATING RANGE (all voltages referenced to GND = 0 V)
Parameter
Limit
Unit
Input Voltage Range
1.6 to 5.5
V
Output Voltage Adjustment Range
2.5 to 5.5
CIN
10
µF
CX
0.33
COUT
10
Operating Temperature Range
- 40 to 85
°C
SPECIFICATIONS
Parameter
Symbol
Test Condition Unless Specified
VIN = VSD = 2 V, FB = PGND = GND
CIN = 10 µF, Cx = 0.33 µF, COUT = 10 µF
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.
Typ.b
Max.
Input Voltage Range
VIN
Full
1.6
5.5
V
Input Undervoltage Lockout
VUVLO
Full
0.7
1.0
1.5
Output Voltage Adjustment
Range
1.6 V
≤ VIN ≤ 5.5 V
Full
2.5
5.5
Output Voltage
VOUT
2 V
≤ VIN ≤ 5.5 V, 1 mA ≤ IOUT ≤ 50 mA
0 °C to
85 °C
3.17
3.3
3.43
2.5 V
≤ VIN ≤ 5.5 V, 1 mA ≤ IOUT ≤ 100 mA
3.17
3.3
3.43
2 V
≤ VIN ≤ 5.5 V, 1 mA ≤ IOUT ≤ 50 mA
Full
3.15
3.45
2.5 V
≤ VIN ≤ 5.5 V, 1 mA ≤ IOUT ≤ 100 mA
3.15
3.45
Maximum Output Current
IOUT(max)
2.5 V
≤ VIN ≤ 5.5 V
Full
100
mA
Transient Load Current
IOUT ≤ 100 mA (RMS)
0 °C to 85 °C
200
Quiescent Supply Current
IQ
VIN = VSD = 4 V, VFB = 0 V, Stepping Down
Full
60
100
µA
VIN = VSD = 2 V, VFB = 0 V, Stepping Up
60
100
Shutdown Supply Current
IQSD
1.6 V
≤ VIN ≤ 5.5 V, VSD = 0 V
Full
1
5
Output Leakage Current in
Shutdown
SD
VIN = 2 V, VOUT = 3.3 V, VSD = 0 V
Full
1
5
SD Logic Input Voltage
VIL
1 6 V
≤ VIN ≤ 5 5 V
Full
0.25 * VIN
V
VIH
Full
0.7 * VIN
SD Input Leakage Current
VSD = 5.5 V
Full
- 1
1
µA
FB Regulation Voltage
VFB
VIN = 1.65 V, VOUT = 3.3 V
Full
1.205
1.235
1.265
V
FB Input Current
IIFB
VFB = 1.27 V
Full
25
200
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com