Electronic Components Datasheet Search
  English  ▼

X  

SIP1759 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP1759
Description  Buck-Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP1759 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP1759 Datasheet HTML 1Page - Vishay Siliconix SIP1759 Datasheet HTML 2Page - Vishay Siliconix SIP1759 Datasheet HTML 3Page - Vishay Siliconix SIP1759 Datasheet HTML 4Page - Vishay Siliconix SIP1759 Datasheet HTML 5Page - Vishay Siliconix SIP1759 Datasheet HTML 6Page - Vishay Siliconix SIP1759 Datasheet HTML 7Page - Vishay Siliconix SIP1759 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 72949
S09-1453-Rev. D, 03-Aug-09
www.vishay.com
3
Vishay Siliconix
SiP1759
Notes:
a. Full = as determined by the operating suffix.
b. Typical values are for Design Aid only, not guaranteed nor subject to production testing.
PIN CONFIGURATION AND TRUTH TABLE
SPECIFICATIONS
Parameter
Symbol
Test Condition Unless Specified
VIN = VSD = 2 V, FB = PGND = GND
CIN = 10 µF, Cx = 0.33 µF, COUT = 10 µF
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.
Typ.b
Max.
FB Dual Mode Threshold
Internal feedback
Full
100
50
mV
External feedback
Full
200
100
ERROR Trip Voltage
Falling edge at FB
Full
1.0
1.1
1.2
V
ERROR Output Low Voltage
VOL
IOL = 0.5 mA, VIN = 2 V
Full
5
100
mV
ERROR Leakage Current
VERROR = 5.5 V, VFB = 1.27 V
Full
0.01
0.2
µA
Switching Frequency
fOSC
1.6 V
≤ VIN ≤ 5.5 V, VFB = 1 V
Full
1.2
1.5
1.8
MHz
Output Short-Circuit Current
VOUT = 0 V, 2.5 V ≤ VIN ≤ 5.5 V
foldback current limit
Full
110
mA
Thermal Shutdown
Temperature
Temperature rising
Full
160
°C
Thermal Shutdown Hysteresis
Full
20
Efficiency
VIN = 3.6 V, IOUT = 10 mA
Full
90
%
10
ERROR
FB
VIN
CX+
MSOP-10
SD
VOUT
1
2
3
9
8
GND
PGND
Top View
56
VIN
CX-
47
ORDERING INFORMATION
Part Number
Temperature Range
Marking
SiP1759DH-T1
- 40 °C to 85 °C
1759
Eval Kit
Temperature Range
Board
SiP1759DB
- 40 °C to 85 °C
Surface Mount
PIN DESCRIPTION
Pin Number
Name
Function
1ERROR
Open drain error flag - a low output indicates that the output voltage is out of range
2SD
Shutdown input
3, 4
VIN
Input voltage
5
GND
Ground
6
PGND
Power ground
7
CX-
Negative terminal of the charge pump capacitor
8
CX+
Positive terminal of the charge pump capacitor
9
VOUT
Regulated output voltage
10
FB
Feedback input - connected to GND for fixed 3.3 V output. Connected to a resistive divider for an adjustable output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com