Electronic Components Datasheet Search
  English  ▼

X  

SIP2805 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP2805
Description  Low Power Consumption Current Mode Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2805 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP2805 Datasheet HTML 3Page - Vishay Siliconix SIP2805 Datasheet HTML 4Page - Vishay Siliconix SIP2805 Datasheet HTML 5Page - Vishay Siliconix SIP2805 Datasheet HTML 6Page - Vishay Siliconix SIP2805 Datasheet HTML 7Page - Vishay Siliconix SIP2805 Datasheet HTML 8Page - Vishay Siliconix SIP2805 Datasheet HTML 9Page - Vishay Siliconix SIP2805 Datasheet HTML 10Page - Vishay Siliconix SIP2805 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
8
Document Number: 72660
S11-0598-Rev. E, 25-Apr-11
Vishay Siliconix
SiP2800, SiP2801, SiP2802, SiP2803, SiP2804, SiP2805
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Item (a) in the above list is a static dc value, and can
generally be calculated with good accuracy. Item (b) will
increase with operating frequency, but will be fixed for a
given value of FOSC. Item (c) is usually the dominant term in
the calculation of ICC, as the power required to drive the
external power switch will typically increase as FOUT is
increased. The most common example of this is seen in
driving the gate of a power MOSFET. In such applications,
the gate capacitances must be charged once each switching
cycle. This calculation is simplified by using the gate charge
term given by most MOSFET manufacturers, allowing the
use of the formula:
IDRIVE = FOUT x Qg of the chosen MOSFET.
A first approximation of the necessary dropping resistor
value is then given by:
R = [(Nominal VSUPPLY) - 12 V]/(Nominal ICC)
Here R is in ohms and ICC is in amperes.
The resistor limiting the current into the VCC pin should be
selected such that ICC(min) equals the worst-case maximum
sum of the above currents, while holding ICC(max) to as low a
value above that number as practicable (for best overall
efficiency), and nevermore than 25 mA above that number
(to avoid exceeding the IC’s internal clamp diode ratings).
VCC must be bypassed to GND with a good quality 0.1 µF
ceramic capacitor, as close to the part as possible. This will
help avoid problems created by high-frequency noise on the
power supply of the part. An electrolytic or tantalum capacitor
may be placed in parallel with the ceramic capacitor if more
capacitance is needed or desired.
FUNCTIONAL BLOCK DIAGRAM
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see www.vishay.com/ppg?72660.
CS
OUT
RC
COMP
VCC
FB
GND
TQ
SQ
R
OSC
Leading Edge
Blanking
Reference
Voltage
UVLO
Soft-Start
REF
SiP2801/4/5 Only
1.5 V
REF/2
Overcurrent
Comparator
-
+
+
-
Voltage Error
Amplifier
PWM
Comparator
13.5 V
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com