Electronic Components Datasheet Search
  English  ▼

X  

SIP2805 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP2805
Description  Low Power Consumption Current Mode Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2805 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP2805 Datasheet HTML 3Page - Vishay Siliconix SIP2805 Datasheet HTML 4Page - Vishay Siliconix SIP2805 Datasheet HTML 5Page - Vishay Siliconix SIP2805 Datasheet HTML 6Page - Vishay Siliconix SIP2805 Datasheet HTML 7Page - Vishay Siliconix SIP2805 Datasheet HTML 8Page - Vishay Siliconix SIP2805 Datasheet HTML 9Page - Vishay Siliconix SIP2805 Datasheet HTML 10Page - Vishay Siliconix SIP2805 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
VISHAY
SOIC-8
Document Number 83247
Rev. 1.2, 07-Apr-04
Vishay Semiconductors
www.vishay.com
1
SOIC-8
Package Dimensions in Inches (mm)
.036 (.91)
.014 (.36)
.170 (4.32)
.045 (1.14)
.260 (6.6)
R .010 (.13)
.050 (1.27)
i178003
40°
.240
(6.10)
.154± .005
(3.91± .13)
.050 (1.27)
typ.
.016 (.41)
.192± .005
(4.88± .13)
.004 (.10)
.008 (.20)
Lead
Coplanarity
±.0015 (.04) max.
.015± .002
(.38± .05)
.008 (.20)
7°
.058± .005
(1.49± .13)
.125± .005
(3.18± .13)
Pin One ID
.120± .005
(3.05± .13)
CL
.021 (.53)
5° max.
R.010
(.25) max.
.020± .004
(.51± .10)
2 plcs.
ISO Method A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com