Electronic Components Datasheet Search
  English  ▼

X  

SIP32452 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32452
Description  0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32452 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32452 Datasheet HTML 1Page - Vishay Siliconix SIP32452 Datasheet HTML 2Page - Vishay Siliconix SIP32452 Datasheet HTML 3Page - Vishay Siliconix SIP32452 Datasheet HTML 4Page - Vishay Siliconix SIP32452 Datasheet HTML 5Page - Vishay Siliconix SIP32452 Datasheet HTML 6Page - Vishay Siliconix SIP32452 Datasheet HTML 7Page - Vishay Siliconix SIP32452 Datasheet HTML 8Page - Vishay Siliconix SIP32452 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SiP32451, SiP32452, SiP32453
www.vishay.com
Vishay Siliconix
S20-0528-Rev. E, 06-Jul-2020
1
Document Number: 63315
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
0.9 V to 2.5 V, 55 m
 Load Switch in WCSP4
DESCRIPTION
SiP32451,
SiP32452,
and
SiP32453
are
n-channel
integrated high side load switches that operate from 0.9 V to
2.5 V input voltage range.
SiP32451, SiP32452, and SiP32453 have low input logic
control threshold that can interface with low voltage control
GPIO directly without extra level shift or driver. There is a
pull down at this EN logic control pin.
Turn on time is fast, less than 25 μs typically for input
voltage of 1.2 V or higher. SiP32451 and SiP32452 have
fast turn off delay time of less than 1 μs while SiP32453
features a guaranteed turn off delay of greater than 30 μs,
typically 90 μs.
SiP32451 features an output discharge for fast turn off.
SiP32451, SiP32452, and SiP32453 are available in compact
wafer level CSP package, WCSP4 0.8 mm x 0.8 mm with
0.4 mm pitch.
FEATURES
• Low input voltage, 0.9 V to 2.5 V
•Low RON, 55 m typical
• Fast turn on time
• Low logic control with hysteresis
• Reverse current blocking when disabled
• Integrated pull down at EN pin
• Output discharge (SiP32451)
• 4 bump WCSP 0.8 mm x 0.8 mm with 0.4 mm pitch
package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Battery operated devices
• Smart phones
• GPS and PMP
•Computer
• Medical and healthcare equipment
• Industrial and instrument
• Cellular phones and portable media players
• Game console
TYPICAL APPLICATION CIRCUIT
Fig. 1 - SiP32451, SiP32452, and SiP32453 Typical Application Circuit
Note
• GE1 denotes halogen-free and RoHS-compliant
Available
ORDERING INFORMATION
TEMPERATURE RANGE
PACKAGE
MARKING
PART NUMBER
-40 °C to +85 °C
WCSP4: 4 bumps
(2 x 2, 0.4 mm pitch,
208 μm bump height,
0.8 mm x 0.8 mm die size)
AA
SiP32451DB-T2-GE1
AB
SiP32452DB-T2-GE1
AC
SiP32453DB-T2-GE1
SiP32451, SiP32452, SiP32453
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
CIN
COUT


Similar Part No. - SIP32452

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32452 VISHAY-SIP32452 Datasheet
1Mb / 10P
1 V, 55 m Ohm Load Switch in MICRO FOOT
22-Aug-11
logo
Vishay Telefunken
SIP32452 TFUNK-SIP32452 Datasheet
199Kb / 13P
0.9 V to 2.5 V, 55 m Load Switch in WCSP4
logo
Vishay Siliconix
SIP32452DB-T2-GE1 VISHAY-SIP32452DB-T2-GE1 Datasheet
1Mb / 10P
1 V, 55 m Ohm Load Switch in MICRO FOOT
22-Aug-11
More results

Similar Description - SIP32452

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32452 VISHAY-SIP32452 Datasheet
1Mb / 10P
1 V, 55 m Ohm Load Switch in MICRO FOOT
22-Aug-11
logo
Vishay Telefunken
SIP32451 TFUNK-SIP32451 Datasheet
199Kb / 13P
0.9 V to 2.5 V, 55 m Load Switch in WCSP4
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
0.9-V to 6.5-V, Nanopower Comparator
logo
Vishay Siliconix
SIP32501 VISHAY-SIP32501 Datasheet
143Kb / 9P
0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4
07-Mar-16
SIP32501 VISHAY-SIP32501_V01 Datasheet
181Kb / 11P
0.9 V to 2.5 V, 66 mΩ Load Switch in TDFN4
06-Jul-2020
SIP32454 VISHAY-SIP32454_V01 Datasheet
221Kb / 11P
0.8 V to 2.5 V, 28 mΩ, Slew Rate Controlled Load Switch in WCSP4
06-Jul-2020
logo
NXP Semiconductors
MC33XS2410 NXP-MC33XS2410 Datasheet
1Mb / 80P
Quad 100 mΩ / dual 50 mΩ, 3.0 V to 60 V high-side switch
Rev. 7 - 31 October 2022
logo
Renesas Technology Corp
SLG59M1545V RENESAS-SLG59M1545V Datasheet
606Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch
2-Feb-2022
logo
Nexperia B.V. All right...
BUK9J0R9-40H NEXPERIA-BUK9J0R9-40H Datasheet
282Kb / 12P
N-channel 40 V, 0.9 mΩ logic level MOSFET in LFPAK56E
7 October 2019
logo
NXP Semiconductors
MC33XS2410 NXP-MC33XS2410_V01 Datasheet
1Mb / 86P
Quad 100 mΩ / dual 50 mΩ, 3.0 V to 60 V high-side switch
Rev. 8 - 7 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com