Electronic Components Datasheet Search
  English  ▼

X  

SIP32452 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32452
Description  0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32452 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32452 Datasheet HTML 1Page - Vishay Siliconix SIP32452 Datasheet HTML 2Page - Vishay Siliconix SIP32452 Datasheet HTML 3Page - Vishay Siliconix SIP32452 Datasheet HTML 4Page - Vishay Siliconix SIP32452 Datasheet HTML 5Page - Vishay Siliconix SIP32452 Datasheet HTML 6Page - Vishay Siliconix SIP32452 Datasheet HTML 7Page - Vishay Siliconix SIP32452 Datasheet HTML 8Page - Vishay Siliconix SIP32452 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SiP32451, SiP32452, SiP32453
www.vishay.com
Vishay Siliconix
S20-0528-Rev. E, 06-Jul-2020
3
Document Number: 63315
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
c. For VIN outside this range consult typical EN threshold curve
PIN CONFIGURATION
Fig. 2 - WCSP4 2 x 2 Package
Output turn-on delay time
td(on)
VIN = 1.2 V
RLOAD = 10 ,
CL = 0.1 μF, TA = 25 °C
-0.4
1
μs
VIN = 2.5 V
-
0.05
1
Output turn-on rise time
tr
VIN = 1.2 V
10
20
30
VIN = 2.5 V
5
9.8
20
Output turn-off delay time
td(off)
SiP32451, SiP32452
VIN = 1.2 V
-0.25
1
SiP32451, SiP32452
VIN = 2.5 V
-0.15
1
SiP32453, VIN = 1.2 V
30
98
150
SiP32453, VIN = 2.5 V
30
86
150
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
A1
IN
This pin is the n-channel MOSFET drain connection. Bypass to ground through a 4.7 μF capacitor
A2
OUT
This pin is the n-channel MOSFET source connection. Bypass to ground through a 0.1 μF capacitor
B1
EN
Enable input
B2
GND
Ground connection
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS SPECIFIED
VIN = 1 V, TA = -40 °C to +85 °C
(typical values are at TA = 25 °C)
LIMITS
UNIT
MIN. a
TYP. b
MAX. a
A
B
EN
GND
OUT
IN
Index-Bump A1
W
B
A
12
OUT
IN
1
2
A
B
EN
GND
Backside
Bumpside



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com