Electronic Components Datasheet Search
  English  ▼

X  

SIP32432DN Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP32432DN
Description  10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32432DN Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP32432DN Datasheet HTML 4Page - Vishay Siliconix SIP32432DN Datasheet HTML 5Page - Vishay Siliconix SIP32432DN Datasheet HTML 6Page - Vishay Siliconix SIP32432DN Datasheet HTML 7Page - Vishay Siliconix SIP32432DN Datasheet HTML 8Page - Vishay Siliconix SIP32432DN Datasheet HTML 9Page - Vishay Siliconix SIP32432DN Datasheet HTML 10Page - Vishay Siliconix SIP32432DN Datasheet HTML 11Page - Vishay Siliconix SIP32432DN Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SiP32431DN, SiP32431DR, SiP32432DN, SiP32432DR
www.vishay.com
Vishay Siliconix
S20-0532-Rev. G, 06-Jul-2020
8
Document Number: 66597
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PCB LAYOUT
Fig. 21 - Top, TDFN4 1.2 mm x 1.6 mm PCB Layout
Fig. 22 - Bottom, TDFN4 1.2 mm x 1.6 mm PCB Layout
DETAILED DESCRIPTION
The SiP32431 and SiP32432 are p-channel MOSFET power
switches designed for high-side slew rate controlled
load-switching applications. Once turned on, the slew-rate
control circuitry is activated and current is ramped in a linear
fashion until it reaches the level required for the output load
condition. This is accomplished by first elevating the gate
voltage of the MOSFET up to its threshold voltage and then
by linearly increasing the gate voltage until the MOSFET
becomes fully enhanced. At this point, the gate voltage is
then quickly increased to the full input voltage to reduce
RDS(on) of the MOSFET switch and minimize any associated
power losses.
APPLICATION INFORMATION
Input Capacitor
While a bypass capacitor on the input is not required, a 1 μF
or larger capacitor for CIN is recommended in almost all
applications. The bypass capacitor should be placed as
physically close as possible to the input pin to be effective
in minimizing transients on the input. Ceramic capacitors are
recommended over tantalum because of their ability to
withstand input current surges from low impedance sources
such as batteries in portable devices.
Output Capacitor
A 0.1 μF capacitor or larger across VOUT and GND is
recommended to insure proper slew operation. COUT may
be increased without limit to accommodate any load
transient condition with only minimal affect on the SiP32431
and SiP32432 turn on slew rate time. There are no ESR or
capacitor type requirement.
Enable
The on / off pin is compatible with both TTL and CMOS logic
voltage levels.
Protection Against Reverse Voltage Condition
The SiP32431 and SiP32432 contain a body snatcher that
normally connects the body to the source (IN) when the
device is enabled. In case where the device is disabled but
the VOUT is higher than the VIN, the n-type body is switched
to out, reverse bias the body diode to prevent the current
from going back to the input.
Thermal Considerations
The physical limitations of the layout and assembly of the
device limit the maximum current levels as stated in the
Absolute Maximum Ratings table. However, another limiting
characteristic for the safe operating load current is the
thermal power dissipation of the package. To obtain the
highest power dissipation, the power pad of the TDFN4
package should be connected to a heat sink on the printed
circuit board.
The maximum power dissipation in any application is
dependent
on
the
maximum
junction
temperature,
TJ (max.) = 125 °C, the junction-to-ambient thermal resistance
for the TDFN4 1.2 mm x 1.6 mm package,
J-A = 170 °C/W,
and
the
ambient
temperature,
TA, which may be
formulaically expressed as:
It then follows that, assuming an ambient temperature of
70 °C, the maximum power dissipation will be limited to
about 324 mW.
So long as the load current is below the absolute maximum
limits, the maximum continuous switch current becomes a
function two things: the package power dissipation and the
RDS(on) at the ambient temperature.
As an example let us calculate the worst case maximum
load current at TA = 70 °C. The worst case RDS(on) at 25 °C
P (max.)
T
J (max.)
T
A
–
JA
–
---------------------------------
125
T
A
–
170
----------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com