Electronic Components Datasheet Search
  English  ▼

X  

SIP32432DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32432DN
Description  10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32432DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32432DN Datasheet HTML 1Page - Vishay Siliconix SIP32432DN Datasheet HTML 2Page - Vishay Siliconix SIP32432DN Datasheet HTML 3Page - Vishay Siliconix SIP32432DN Datasheet HTML 4Page - Vishay Siliconix SIP32432DN Datasheet HTML 5Page - Vishay Siliconix SIP32432DN Datasheet HTML 6Page - Vishay Siliconix SIP32432DN Datasheet HTML 7Page - Vishay Siliconix SIP32432DN Datasheet HTML 8Page - Vishay Siliconix SIP32432DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SiP32431DN, SiP32431DR, SiP32432DN, SiP32432DR
www.vishay.com
Vishay Siliconix
S20-0532-Rev. G, 06-Jul-2020
1
Document Number: 66597
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 pA, Ultra Low Leakage and Quiescent Current,
Load Switch with Reverse Blocking
DESCRIPTION
The SiP32431 and SiP32432 are ultra low leakage and
quiescent current slew rate controlled high side switches
with reverse blocking capability. The switches are of a low
on resistance p-channel MOSFET that supports continuous
current up to 1.4 A.
The SiP32431 and SiP32432 operate with an input voltage
from 1.5 V to 5.5 V.
The SiP32431 and SiP32432 feature low input logic level to
interface with low control voltage from microprocessors.
The SiP32431 is of logic high enable control, while SiP32432
is of logic low enable control. Both devices have a very low
operating current, typically 10 pA at 3.3 V power supply.
The SiP32431 and SiP32432 are available in lead (Pb)-free
package options including 6 pin SC-70-6, and 4 pin TDFN4
1.2 mm x 1.6 mm DFN4 packages. The operation
temperature range is specified from -40 °C to +85 °C.
The SiP32431 and SiP32432 compact package options,
operation voltage range, and low operating current make it
a good fit for battery power applications.
FEATURES
• 1.5 V to 5.5 V input voltage range
• No bias power rail required
• Low on-resistance RDS(on), 
typically 105 m
 at 5 V and 135 m at 3 V for
TDFN4 1.2 mm x 1.6 mm package
• Typical 147 m
 at 5 V and 178 m at 3 V for
SC-70-6 package
• Slew rate controlled turn-on time: 100 μs
• Ultra low leakage and quiescent current:
- VIN quiescent current = 0.01 nA
- VIN shutdown leakage = 0.20 nA
• Reverse blocking capability
• SC-70-6 and TDFN4 1.2 mm x 1.6 mm packages
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Wireless sensor network
• Smart meters
• Wearable
• Internet of things
• Portable medical devices
• Security systems
• Battery powered devices
• Portable Instruments
TYPICAL APPLICATION CIRCUIT
Fig. 1 - SiP32431, SiP32432 Typical Application Circuit
Notes
•x = lot code
Available
ORDERING INFORMATION
PART NUMBER
MARKING
ENABLE
PACKAGE
TEMPERATURE RANGE
SiP32431DR3-T1GE3
MAxx
High enable
SC-70-6
-40 °C to +85 °C
SiP32432DR3-T1GE3
MDxx
Low enable
SiP32431DNP3-T1GE4
Dx
High enable
TDFN4 1.2 mm x 1.6 mm
SiP32432DNP3-T1GE4
Vx
Low enable
SiP32431 / SiP32432
IN
VOUT
OUT
VIN
GND
GND
GND
ON/OFF
ON/OFF
C
1 µF
IN
C
0.1 µF
OUT


Similar Part No. - SIP32432DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32432DNP3-T1GE4 VISHAY-SIP32432DNP3-T1GE4 Datasheet
434Kb / 13P
10 pA, Ultra Low Leakage and Quiescent Current,
29-Oct-2018
More results

Similar Description - SIP32432DN

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
Ultra Low Quiescent Current Smart Load Switch
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
Ultra Low Quiescent Current Smart Load Switch
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
logo
YOBON TECHNOLOGIES,INC.
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
Ultra Low Quiescent Current Smart Load Switch
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Vishay Siliconix
SIP32432 VISHAY-SIP32432_V01 Datasheet
434Kb / 13P
10 pA, Ultra Low Leakage and Quiescent Current,
29-Oct-2018
logo
Kinetic Technologies.
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com