Electronic Components Datasheet Search
  English  ▼

X  

SIP32431DN Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP32431DN
Description  10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32431DN Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP32431DN Datasheet HTML 1Page - Vishay Siliconix SIP32431DN Datasheet HTML 2Page - Vishay Siliconix SIP32431DN Datasheet HTML 3Page - Vishay Siliconix SIP32431DN Datasheet HTML 4Page - Vishay Siliconix SIP32431DN Datasheet HTML 5Page - Vishay Siliconix SIP32431DN Datasheet HTML 6Page - Vishay Siliconix SIP32431DN Datasheet HTML 7Page - Vishay Siliconix SIP32431DN Datasheet HTML 8Page - Vishay Siliconix SIP32431DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SiP32431DN, SiP32431DR, SiP32432DN, SiP32432DR
www.vishay.com
Vishay Siliconix
S20-0532-Rev. G, 06-Jul-2020
4
Document Number: 66597
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
2, 5
2
GND
Ground connection
3
4
ON / OFF
Enable input
1
1
OUT
This pin is the p-channel MOSFET drain connection. Bypass to ground through a 0.1 μF capacitor
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
SC-70-6
TDFN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com