Electronic Components Datasheet Search
  English  ▼

X  

SIP32431DN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32431DN
Description  10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32431DN Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32431DN Datasheet HTML 1Page - Vishay Siliconix SIP32431DN Datasheet HTML 2Page - Vishay Siliconix SIP32431DN Datasheet HTML 3Page - Vishay Siliconix SIP32431DN Datasheet HTML 4Page - Vishay Siliconix SIP32431DN Datasheet HTML 5Page - Vishay Siliconix SIP32431DN Datasheet HTML 6Page - Vishay Siliconix SIP32431DN Datasheet HTML 7Page - Vishay Siliconix SIP32431DN Datasheet HTML 8Page - Vishay Siliconix SIP32431DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SiP32431DN, SiP32431DR, SiP32432DN, SiP32432DR
www.vishay.com
Vishay Siliconix
S20-0532-Rev. G, 06-Jul-2020
3
Document Number: 66597
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. The algebriac convention whereby the most negative value is a minimum and the most positive a maximum
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
c. For VIN outside this range consult typical on / off threshold curve
PIN CONFIGURATION
Fig. 2 - SC-70-6 Package
Fig. 3 - TDFN4 1.2 mm x 1.6 mm Package
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS SPECIFIED
VIN = 5, TA = -40 °C to +85 °C
(Typical values are at TA = 25 °C)
LIMITS
-40 °C to +85 °C
UNIT
MIN. a
TYP. b
MAX. a
Operating voltage c
VIN
1.5
-
5.5
V
Quiescent current
IQ
VIN = 3.3 V, Von/off = 3.3 V
-
0.01
100
nA
VIN = 5 V, Von/off = 5 V
-
0.05
1000
Off supply current
IQ(off)
VIN = 3.3 V, Von/off = 0 V, OUT = open
-
0.01
100
VIN = 5 V, Von/off = 0 V, OUT = open
-
-
1000
Off switch current
ISD(off)
VIN = 3.3 V, Von/off = 0 V, OUT = 1 V
-
0.2
100
VIN = 5 V, Von/off = 0 V, OUT = 0 V
-
-
1000
Reverse blocking current
IRB
VOUT = 5.5 V, VIN = 0, Von/off = inactive
-
130
1000
On-resistance
RDS(on)
VIN = 5 V, IL = 500 mA, TA = 25 °C
SC-70-6
-
147
230
m
TDFN4
-
105
VIN = 4.2 V, IL = 500 mA, TA = 25 °C
SC-70-6
-
155
250
TDFN4
-
110
VIN = 3 V, IL = 500 mA, TA = 25 °C
SC-70-6
-
178
290
TDFN4
-
135
VIN = 1.8 V, IL = 500 mA, TA = 25 °C
SC-70-6
-
275
480
TDFN4
-
230
VIN = 1.5 V, IL = 500 mA, TA = 25 °C
SC-70-6
-
395
520
TDFN4
-
350
On-resistance temp.-coefficient
TDRDS
-
2800
-
ppm/°C
On / off input low voltage c
VIL
VIN  1.5 V to < 1.8 V
-
-
0.3
V
VIN  1.8 V to < 2.7 V
-
-
0.4
VIN  2.7 V to  5.5 V
-
-
0.6
On / off input low voltage c
VIH
VIN  1.5 V to < 2.7 V
1.3
-
-
VIN  2.7 V to < 4.2 V
1.5
-
-
VIN  4.2 V to  5.5 V
1.8
-
-
On / off input leakage
ION/OFF
Von/off = 3.3 V
-
0.014
100
nA
Von/off = 5.5 V
-
0.042
1000
Output turn-on delay time
td(on)
VIN = 5 V, Rload = 10 , TA = 25 °C
-20
40
μs
Output turn-on rise time
t(on)
-
140
180
Output turn-off delay time
td(off)
-4
10
OUT
1
GND
2
ON/OFF
3
N/C
6
GND
5
IN
4
Top View
4
3
1
2
Bottom View
ON/OFF
IN
OUT
GND
GND
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
SC-70-6
TDFN4
4
3
IN
This pin is the p-channel MOSFET source connection. Bypass to ground through a 1 μF capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com