Electronic Components Datasheet Search
  English  ▼

X  

MAX4915A/B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4915A/B
Description  100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4915A/B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4915A/B Datasheet HTML 1Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 2Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 3Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 4Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 5Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 6Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 7Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 8Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IN, ON, FLAG, OUT to GND .....................................-0.3V to +6V
OUT Short Circuit to GND .................................Internally Limited
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C) ..........571mW
6-Pin μDFN (derate 4.5mW/°C above +70°C) ............358mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VIN = +2.3V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
VIN
2.3
5.5
V
Quiescent Current
IQ
VON = VIN, IOUT = 0,
switch on
VIN = +2.3V to +5.0V
80
120
µA
VIN = +5.0V to +5.5V
160
Latchoff Current (Note 2)
ILATCH
VON = VIN, after an overcurrent fault
MAX4914B/MAX4915B/MAX4917B
(latchoff versions)
8
17
µA
Forward Shutdown Current
ISHDN
VON = 0, VOUT = 0, VIN = +5.5V
0.01
1
µA
Reverse Shutdown Current
ISHDN
VON = 0, VOUT = +5.5V, VIN = +2.3V
0.01
1
µA
Forward Current Limit
IFWD
MAX4914B, VOUT = GND
100
150
mA
MAX4915_, VOUT = GND
200
300
MAX4917_, VOUT = GND
300
450
Reverse Current Limit
IREV
MAX4914B, VOUT - VIN ≥ 0.5V
150
mA
MAX4915_, VOUT - VIN ≥ 0.5V
300
MAX4917_, VOUT - VIN ≥ 0.5V
450
ON Input Leakage
VON = VIN or GND
-1
+1
µA
Undervoltage Lockout
UVLO
Rising edge
1.75
2.25
V
Undervoltage-Lockout Hysteresis
100
mV
On-Resistance
RON
TA = +25°C, IOUT = 95mA
0.2
0.4
Ω
TA = -40°C to +85°C, IOUT = 95mA
0.5
ON Input Logic-High Voltage
VIH
MAX4914B/MAX4915B/MAX4917B
2.0
V
MAX4915A/MAX4917A
1.4
ON Input Logic-Low Voltage
VIL
MAX4914B/MAX4915B/MAX4917B
0.8
V
MAX4915A/MAX4917A
0.4
FLAG Output Logic-Low Voltage
ISINK = 1mA
0.4
V
FLAG Output-High Leakage
Current
VON = VIN = VFLAG = +5.5V
1
µA
Thermal Shutdown
+150
°C
Thermal-Shutdown Hysteresis
15
°C
MAX4914B/MAX4915A/B/
MAX4917A/B
100mA/200mA/300mA Current-Limit Switches
with Low Shutdown Reverse Current
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com