Electronic Components Datasheet Search
  English  ▼

X  

MAX4915A/B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4915A/B
Description  100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4915A/B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4915A/B Datasheet HTML 1Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 2Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 3Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 4Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 5Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 6Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 7Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 8Page - Maxim Integrated Products MAX4915A/B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VIN = +2.3V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +3.3V, TA = +25°C.) (Note 1)
Note 1: All parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
Note 2: Latchoff current does not include the current flowing into FLAG.
Note 3: The on-time is defined as the time taken for the current through the switch to go from 0mA to 10mA. The off-time is defined
as the time taken for the current through the switch to go from 10mA to 0mA.
Note 4: Retry time is typically 15 times the blanking time.
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Turn-On Time
VON from low to high; IOUT = 10mA,
CL = 0.1µF (Note 3)
100
µs
Turn-Off Time
VON from high to low; IOUT = 10mA,
CL = 0.1µF (Note 3)
40
ns
Blanking Time
tBLANK Overcurrent fault (Figures 2, 3)
14
60
ms
Short-Circuit Current-Limit
Response Time
VON = VIN = +3.3V, short circuit applied
to OUT
5
µs
Retry Time (Note 4)
tRETRY
MAX4915A/MAX4917A (autoretry versions)
(Figure 2) (Note 4)
210
900
ms
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
20
40
60
80
100
120
0
-40
85
VON = VIN
VIN = 5V
VIN = 3.3V
LATCHOFF CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
2
4
6
8
10
12
0
-40
85
VON = VIN
VIN = 5V
VIN = 3.3V
QUIESCENT CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
4.0
4.5
3.0
3.5
2.5
10
20
30
40
50
60
70
80
90
100
0
2.0
VON = VIN
MAX4914B/MAX4915A/B/
MAX4917A/B
100mA/200mA/300mA Current-Limit Switches
with Low Shutdown Reverse Current
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com