Electronic Components Datasheet Search
  English  ▼

X  

MAX5072 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX5072
Description  2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5072 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX5072 Datasheet HTML 16Page - Maxim Integrated Products MAX5072 Datasheet HTML 17Page - Maxim Integrated Products MAX5072 Datasheet HTML 18Page - Maxim Integrated Products MAX5072 Datasheet HTML 19Page - Maxim Integrated Products MAX5072 Datasheet HTML 20Page - Maxim Integrated Products MAX5072 Datasheet HTML 21Page - Maxim Integrated Products MAX5072 Datasheet HTML 22Page - Maxim Integrated Products MAX5072 Datasheet HTML 23Page - Maxim Integrated Products MAX5072 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
ESR
L
V
ESR
I
∆
=
∆
where
(
)
IN
DS
L
SW
V
V
D
I
L f
−×
∆=
×
where VDS is the total voltage drop across the internal
MOSFET plus the voltage drop across the inductor
ESR.
∆IL is the peak-to-peak inductor ripple current as
calculated above. ∆VQ is the portion of input ripple due
to the capacitor discharge and ∆VESR is the contribution
due to ESR of the capacitor.
Output Capacitor Selection
For the boost converter, the output capacitor supplies the
load current when the main switch is ON. The required
output capacitance is high, especially at higher duty
cycles. Also, the output capacitor ESR needs to be low
enough to minimize the voltage drop due to the ESR while
supporting the load current. Use the following equation to
calculate the output capacitor for a specified output ripple
tolerance.
ESR
O
V
ESR
I
∆
=
O
MAX
OUT
Q
SW
I
D
C
V
f
×
=
∆×
IO is the load current, ∆VQ is the portion of the ripple due
to the capacitor discharge and ∆VESR is the contribution
due to the ESR of the capacitor. DMAX is the maximum
duty cycle at minimum input voltage.
Power Dissipation
The MAX5072 includes a high-frequency, low RDS_ON
switching MOSFET. At +85°C, the RDS_ON of the internal
switch for converter 1 and converter 2 are 290mΩ and
630mΩ, respectively. The DC loss is a function of the
RMS current in the switch while the switching loss is a
function of switching frequency and input voltage. Use
the following equations to calculate the RMS current, DC
loss, and switching loss of each converter. The MAX5072
device is available in a thermally enhanced package and
can dissipate up to 2.7W at +70°C ambient temperature.
The total power dissipation in the package must be
limited so the junction temperature does not exceed its
absolute maximum rating of +150°C at maximum ambient
temperature.
For the buck converter:
22
MAX
RMS
DC
PK
DC PK
D
I
(I
+I
+(I
I ))
3
=
×
×
2
DC
RMS
DS(ON)MAX
PI
R
=
×
where
L
DC
O
I
II
2
∆
=
−
L
PK
O
I
II
2
∆
=
+
See the Electrical Characteristics table for the RDS(ON)MAX
value.
INMAX O
R
F
SW
SW
V
I
(t
t ) f
P
4
××
+
×
=
For the boost converter:
Figure 7. Type II Compensation Network.
Figure 8. Type III Compensation Network
R1
RF
COMP
VOUT
VREF
CCF
CF
R2
-
+
gM
R1
RF
COMP
VOUT
VREF
CCF
CF
R2
-
+
gM
R1
RF
COMP
VOUT
VREF
R2
RI
CI
CF
CCF
-
+
gM
www.maximintegrated.com
Maxim Integrated │ 20
MAX5072
2.2MHz, Dual-Output Buck or Boost
Converter with POR and Power-Fail Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com