Electronic Components Datasheet Search
  English  ▼

X  

MAX5072 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5072
Description  2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5072 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5072 Datasheet HTML 17Page - Maxim Integrated Products MAX5072 Datasheet HTML 18Page - Maxim Integrated Products MAX5072 Datasheet HTML 19Page - Maxim Integrated Products MAX5072 Datasheet HTML 20Page - Maxim Integrated Products MAX5072 Datasheet HTML 21Page - Maxim Integrated Products MAX5072 Datasheet HTML 22Page - Maxim Integrated Products MAX5072 Datasheet HTML 23Page - Maxim Integrated Products MAX5072 Datasheet HTML 24Page - Maxim Integrated Products MAX5072 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
22
MAX
RMS
DC
PK
DC PK
D
I
(I
+I
+(I
I ))
3
=
×
×
O
O
IN
IN
VI
I
V
×
=
×η
(
)
IN
DS
L
SW
V
V
D
I
Lf
−×
∆=
×
L
DC
IN
I
II
2
∆
=
−
L
PK
IN
I
II
2
∆
=
+
2
DC
RMS
DS(ON)MAX
PI
R
=
×
where VDS is the drop across the internal MOSFET. See
the Electrical Characteristics for the RDS(ON)MAX value.
O IN
R
F
SW
SW
V
I
(t
t ) f
P
4
××
+
×
=
where tR and tF are rise and fall times of the internal
MOSFET. The tR and tF are typically 20ns, and can be
measured in the actual application.
The supply current in the MAX5072 is dependent on
the switching frequency. See the Typical Operating
Characteristics to find the supply current of the MAX5072
at a given operating frequency. The power dissipation
(PS) in the device due to supply current (IS) is calculated
using following equation.
S
INMAX SUPPLY
PV
I
=
×
The total power dissipation PT in the device is:
T
DC1
DC2
SW1
SW2
S
PP
P
P
P
P
=
++
+
+
where PDC1 and PDC2 are DC losses in converter 1 and
converter 2, respectively. PSW1 and PSW2 are switching
losses in converter 1 and converter 2, respectively.
Calculate the temperature rise of the die using the following
equation:
J
C
T
J C
T
T
(P
)
−
=
+
×θ
where θJ-C is the junction-to-case thermal impedance of
the package equal to +2°C/W. Solder the exposed pad of
the package to a large copper area to minimize the case-
to-ambient thermal impedance. Measure the temperature
of the copper area near the device at a worst-case condition
of power dissipation and use +2°C/W as θJ-C thermal
impedance. The case-to-ambient thermal impedance
(θC-A) is dependent on how well the heat is transferred
from the PC board to the ambient. Use large copper area
to keep the PC board temperature low. The θC-A is
usually in the +20°C/W to +40°C/W range.
Compensation
The MAX5072 provides an internal transconductance
amplifier with its inverting input and its output available to
the user for external frequency compensation. The flex-
ibility of external compensation for each converter offers
wide selection of output filtering components, especially
the output capacitor. For cost-sensitive applications, use
high-ESR aluminum electrolytic capacitors; for compo-
nent size-sensitive applications, use low-ESR tantalum
or ceramic capacitors at the output. The high switching
frequency of MAX5072 allows use of ceramic capacitors
at the output.
Choose all the passive power components that meet
the output ripple, component size, and component cost
requirements. Choose the small-signal components for
the error amplifier to achieve the desired closed-loop
bandwidth and phase margin. Use a simple pole-zero pair
(Type II) compensation if the output capacitor ESR zero
frequency is below the unity-gain crossover frequency
(fC). Type III compensation is necessary when the ESR
zero frequency is higher than fC or when compensating
for a continuous mode boost converter that has a right-
half plane zero.
Use the following procedure 1 to calculate the compensa-
tion network components when fZERO,ESR < fC.
Buck Converter Compensation
Procedure 1 (see Figure 7):
Calculate the fZERO,ESR and LC double pole:
ZERO,ESR
OUT
LC
OUT
OUT
1
f
2 ESR C
1
f
2L
C
=
π×
×
=
π×
×
Calculate the unity-gain crossover frequency as:
www.maximintegrated.com
Maxim Integrated │ 21
MAX5072
2.2MHz, Dual-Output Buck or Boost
Converter with POR and Power-Fail Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com