Electronic Components Datasheet Search
  English  ▼

X  

HS7514 Datasheet(PDF) 2 Page - Sipex Corporation

Part # HS7514
Description  14-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7514 Datasheet(HTML) 2 Page - Sipex Corporation

  HS7514 Datasheet HTML 1Page - Sipex Corporation HS7514 Datasheet HTML 2Page - Sipex Corporation HS7514 Datasheet HTML 3Page - Sipex Corporation HS7514 Datasheet HTML 4Page - Sipex Corporation HS7514 Datasheet HTML 5Page - Sipex Corporation HS7514 Datasheet HTML 6Page - Sipex Corporation HS7514 Datasheet HTML 7Page - Sipex Corporation HS7514 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
160
SPECIFICATIONS
(Typical @ 25
°C, nominal power supply, V
REF = +10V, unipolar unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DIGITAL INPUT
Resolution
14
Bits
2–Quad, Unipolar Coding
Binary
4–Quad, Bipolar Coding
Offset Binary
Logic Compatibility
CMOS, TTL
Note 1
Input Current
±1
µA
REFERENCE INPUT
Voltage Range
±25
V
Note 2
Input Impedance
3.25
9.75
KOhms
ANALOG OUTPUT
Scale Factor
75
225
µA/V
REF
Scale Factor Accuracy
±1
%
Note 3
Output Leakage
10
nA
Note 4
Output Capacitance
C
OUT 1, all inputs high
100
pF
C
OUT 1, all inputs low
50
pF
C
OUT 2, all inputs high
50
pF
C
OUT 2, all inputs low
100
pF
STATIC PERFORMANCE
Integral Linearity
Note 5
SP7514KN/BN, HS3140–4
±0.003
±0.006
% FSR
SP7514JN/AN, HS3140–3
±0.006
±0.012
% FSR
Differential Linearity
Note 6
SP7514KN/BN, HS3140–4
±0.003
±0.006
%FSR
SP7514JN/AN, HS3140–3
±0.006
±0.012
% FSR
Monotonicity
SP7514KN/BN, HS3140–4
Guaranteed to 14 bits
SP7514JN/AN, HS3140–3
Guaranteed to 13 bits
STABILITY
(T
MIN to TMAX)
Scale Factor
4
ppm FSR/
°C
Note 7 and 8
Integral Linearity
0.5
1.0
ppm FSR/
°C
Differential Linearity
0.5
1.0
ppm FSR/
°C
Monotonicity Temp. Range
SP7514JN/KN, HS3140C
0
+70
°C
SP7514AN/BN
–40
+85
°C
HS3140B
–55
+125
°C
DYNAMIC PERFORMANCE
Digital Small Signal Settling
1.0
µS
Digital Full Scale Settling
2.0
µS
Reference Feedthrough Error
(V
REF = 20Vpp)
@ 1kHz
200
µV
@ 10kHz
2
mV
Reference Input Bandwidth
1
MHz
POWER SUPPLY (V
DD)
Operating Voltage
+15
±5%
V
Voltage Range
+8
+18
V
Current
2.0
mA
Note 9
Rejection Ratio
0.005
%/%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com