Electronic Components Datasheet Search
  English  ▼

X  

HS7514 Datasheet(PDF) 3 Page - Sipex Corporation

Part # HS7514
Description  14-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7514 Datasheet(HTML) 3 Page - Sipex Corporation

  HS7514 Datasheet HTML 1Page - Sipex Corporation HS7514 Datasheet HTML 2Page - Sipex Corporation HS7514 Datasheet HTML 3Page - Sipex Corporation HS7514 Datasheet HTML 4Page - Sipex Corporation HS7514 Datasheet HTML 5Page - Sipex Corporation HS7514 Datasheet HTML 6Page - Sipex Corporation HS7514 Datasheet HTML 7Page - Sipex Corporation HS7514 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
161
0.048%
0.024%
0.012%
0.006%
0.003%
4
6
8
10
12
14
16
18
V DD -VOLTS
Linearity vs. Supply Voltage
2.5
4
10
6
8
10
12
14
16
18
2.0
1.5
1.0
V
DD
-VOLTS
Power Supply Current vs. Voltage
0.048
0.024
0.012
0.006
0.003
0.01
0.1
1
10
VREF -VOLTS
Integral Linearity Error vs. Reference Voltage
50
40
30
20
10
0
010
2030
40
50
2 LSB
1 LSB
1/2 LSB @ 16 BITS
VOS-mV
Additional Linearity Error vs. Output-Amplifier
Offset-Voltage (V
REF = + 10V)
0.01
4
6
8
10
12
14
16
18
0.004
0.002
0
V
DD
-VOLTS
0.008
0.006
Gain Change vs. Supply Voltage
CHARACTERISTIC CURVES
(Typical @ + 25
°C, V
DD = + 15VDC, VREF = + 10VDC, unless otherwise noted)
SPECIFICATIONS (continued)
(Typical @ 25
°C, nominal power supply, V
REF = +10V, unipolar unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
SP7514JN/KN
0
+70
°C
SP7514AN/BN
–40
+85
°C
HS3140–C
0
+70
°C
HS3140–B
–55
+125
°C
HS3140–B/883
–55
+125
°C
Storage Temperature
–65
+150
°C
Package
SP7514_N
20-pin SOIC
HS3140
20–pin Side–Brazed DIP
Notes:
1.
Digital input voltage must not exceed supply voltage or go below –0.5V ; “0” <0.8V; 2.4V < “1”
≤V
DD.
2.
AC or DC; use R6758–1 for fixed reference applications
3.
Using the internal feedback resistor and an external op amp. The Scale Factor can be adjusted externally by variable resistors in series with the
reference input and/or in series to the internal feedback resistor. Please refer to the Applications Information section.
4.
At 25
°C; the output leakage current will create an offset voltage at the external op amps output. It doubles every 10°C temperature increase.
5.
Integral Linearity is measured as the arithmetic mean value of the magnitudes of the greatest positive deviation and the greatest negative deviation from
the theoretical value for any given input combination.
6.
Differential Linearity is the deviation of an output step form the theoretical value of 1LSB for any two adjacent digital input codes.
7.
At 25
°C, the output leakage current will create an offset voltage output. It doubles every 10°C temperature increase.
8.
Using the internal feedback resistor and an external op amp.
9.
Use series 470ohm resistor to limit start-up current.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com