Electronic Components Datasheet Search
  English  ▼

X  

SIC403 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK® SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 9Page - Vishay Siliconix SIC403 Datasheet HTML 10Page - Vishay Siliconix SIC403 Datasheet HTML 11Page - Vishay Siliconix SIC403 Datasheet HTML 12Page - Vishay Siliconix SIC403 Datasheet HTML 13Page - Vishay Siliconix SIC403 Datasheet HTML 14Page - Vishay Siliconix SIC403 Datasheet HTML 15Page - Vishay Siliconix SIC403 Datasheet HTML 16Page - Vishay Siliconix SIC403 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S12-0628-Rev. C, 19-Mar-12
www.vishay.com
13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: analogswitchtechsupport@vi-
MOSFET for current sensing. The current limit is set by RILIM
resistor. The RILIM resistor connects from the ILIM pin to the
LX pin which is also the drain of the low-side MOSFET.
When the low-side MOSFET is on, an internal ~ 10 µA
current flows from the ILIM pin and the RILIM resistor, creating
a voltage drop across the resistor. While the low-side
MOSFET is on, the inductor current flows through it and
creates a voltage across the RDS(ON). The voltage across the
MOSFET is negative with respect to ground.
If this MOSFET voltage drop exceeds the voltage across
RILIM, the voltage at the ILIM pin will be negative and current
limit will activate. The current limit then keeps the low-side
MOSFET on and will not allow another high-side on-time,
until the current in the low-side MOSFET reduces enough to
bring the ILIM voltage back up to zero. This method regulates
the inductor valley current at the level shown by ILIM in
figure 8.
Setting the valley current limit to 6 A results in a 6 A peak
inductor current plus peak ripple current. In this situation, the
average (load) current through the inductor is 6 A plus
one-half the peak-to-peak ripple current.
The
internal
10
µA
current
source
is
temperature
compensated at 4100 ppm in order to provide tracking with
the RDS(ON). The RILIM value is calculated by the following
equation.
RILIM = 1176 x ILIM x [0.088 x (5V - VDD) + 1] ()
where ILIM is in A.
When selecting a value for RILIM do not exceed the absolute
maximum voltage value for the ILIM pin.
Note that because the low-side MOSFET with low RDS(ON) is
used
for
current
sensing,
the
PCB
layout,
solder
connections, and PCB connection to the LX node must be
done carefully to obtain good results. Refer to the layout
guidelines for information.
Soft-Start of PWM Regulator
SiC403 has a programmable soft-start time that is controlled
by an external capacitor at the SS pin. After the controller
meets both UVLO and EN/PSV thresholds, the controller has
an internal current source of 2.75 µA flowing through the
SS pin to charge the capacitor. During the start up process,
50 % of the voltage at the SS pin is used as the reference for
the FB comparator. The PWM comparator issues an on-time
pulse when the voltage at the FB pin is less than 50 % of the
SS pin. As result, the output voltage follows the SS start volt-
age. The output voltage reaches and maintains regulation
when the soft start voltage is > 1.5 V. The time between the
first LX pulse and when VOUT meets regulation is the soft
start time (tSS). The calculation for the soft-start time is
shown by the following equation:
Power Good Output
The power good (PGOOD) output is an open-drain output
which requires a pull-up resistor. When the output voltage is
10 % below the nominal voltage, PGOOD is pulled low. It is
held low until the output voltage returns above - 8 % of nom-
inal. PGOOD is held low during start-up and will not be allowed
to transition high until soft-start is completed (when VFB
reaches 750 mV) and typically 2 ms has passed.
PGOOD will transition low if the VFB pin exceeds + 20 % of
nominal, which is also the over-voltage shutdown threshold
(900 mV). PGOOD also pulls low if the EN/PSV pin is low
when VDD is present.
Output Over-Voltage Protection
Over-voltage protection becomes active as soon as the
device is enabled. The threshold is set at 750 mV + 20 %
(900 mV). When VFB exceeds the OVP threshold, DL latches
high and the low-side MOSFET is turned on. DL remains
high and the controller remains off , until the EN/PSV input is
toggled or VDD is cycled. There is a 5 µs delay built into the
OVP detector to prevent false transitions. PGOOD is also low
after an OVP event.
Output Under-Voltage Protection
When VFB falls 25 % below its nominal voltage (falls to
562.5 mV) for eight consecutive clock cycles, the switcher is
shut off and the DH and DL drives are pulled low to tristate
the MOSFETs. The controller stays off until EN/PSV is
toggled or VDD is cycled.
VDD UVLO, and POR
Under-voltage lock-out (UVLO) circuitry inhibits switching
and tri-states the DH/DL drivers until VDD rises above 3 V.
An internal Power-On Reset (POR) occurs when VDD
exceeds 3 V, which resets the fault latch and soft-start
counter to prepare for soft-start. The SiC403 then begins a
soft-start cycle. The PWM will shut off if VDD falls below
2.4 V.
LDO Regulator
SIC403 has an option to bias the switcher by using an
internal LDO from VIN. The LDO output is connected to VDD
internally. The output of the LDO is programmable by using
external resistors from the VDD pin to AGND. The feedback
pin (FBL) for the LDO is regulated to 750 mV (see figure 9).
Figure 8 - Valley Current Limit
IPEAK
ILOAD
ILIM
Time
t
SS = CSS x
1.5 V
2.75 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com