Electronic Components Datasheet Search
  English  ▼

X  

SIC403 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK® SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 17Page - Vishay Siliconix SIC403 Datasheet HTML 18Page - Vishay Siliconix SIC403 Datasheet HTML 19Page - Vishay Siliconix SIC403 Datasheet HTML 20Page - Vishay Siliconix SIC403 Datasheet HTML 21Page - Vishay Siliconix SIC403 Datasheet HTML 22Page - Vishay Siliconix SIC403 Datasheet HTML 23Page - Vishay Siliconix SIC403 Datasheet HTML 24Page - Vishay Siliconix SIC403 Datasheet HTML 25Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S12-0628-Rev. C, 19-Mar-12
www.vishay.com
21
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: analogswitchtechsupport@vi-
BILL OF MATERIALS
Item
Qty.
Reference
Value
Voltage
PCB Footprint
Part Number
Manufacturer
11
B1
VIN
SOLDER-BANANA
575-4
Keystone
21
B2
VIN_GND
SOLDER-BANANA
575-4
Keystone
3
1
B3
Vo
SOLDER-BANANA
575-4
Keystone
41
B4
VO_GND
SOLDER-BANANA
575-4
Keystone
5
4
C1, C2, C3, C4
22 µF
16 V
SM/C_1210
GRM32ER71C226ME18L
Murata
6
1
C5
0.1 µF
16 V
SM/C_0402
EMK105BJ104KV-F
Taiyo Yuden
7
1
C6
0.1 µF
50 V
SM/C_0603
VJ0603Y104KXACW1BC
Murata
8
3
C7, C11, C14
0.1 µF
50 V
SM/C_0603
VJ0603Y104KXACW1BC
Vishay
9
3
C10, C20, C22
220 µF
25 V
595D-D
593D227X0010E2TE3
Vishay
10
1
C12
150 µF
35 V
D8X11.5-D0.6X3.5
EEU-FM1V151
Panasonic
11
1
C13
0.01 µF
50 V
SM/C_0402
VJ0402Y103KXACW1BC
Vishay
12
2
C15, C21
10 µF
16 V
SM/C_1206
C3216X7R1C106M
TDK
13
3
C16, C17, C18
220 µF
10 V
595D-D
593D227X0010E2TE3
Vishay
14
1
C19
1 µ
SM/C_0603
15
1
C24
10 n
SM/C_0603
16
1
C25
68 pF
50 V
SM/C_0402
0402YA680JAT2A
AVX
17
2
C26, C27
4.7 µF
10 V
SM/C_0805
LMK212B7475KG-T
TAIYO
YUDEN
18
1
C28
0.1 µF
10 V
SM/C_0603
GRM155R61A105KE19D
Murata
19
1
C29
22 nF
16 V
SM/C_0603
Murata
20
1
C30
100 pF
50 V
SM/C_0402
VJ0402Y101KXACW1BC
Vishay
21
1
C36
1 nF
50 V
SM/C_0402
C0402C102K3RA
Vishay
22
1
C37
10 nF
50 V
SM/C_0402
VJ0402A103KXACW1BC
Vishay
23
1
J5
Probe Test Pin
LECROY PROBE PIN
PK007-015
24
1
L1
0.78 µH
IHLP4040
IHLP4040DZERR78M11
Vishay
25
4
M1, M2, M3, M4
M HOLE2
STACKING SPACER
8834
Keystone
26
1
P1
VDD
Probe Hook - d76
1573-3
Keystone
27
1
P2
EN_PSV
Probe Hook - d76
1573-3
Keystone
28
1
P3
Step_I_Sense
Probe Hook - d76
1573-3
Keystone
29
1
P4
LDTRG
Probe Hook - d76
1573-3
Keystone
30
1
P5
VCTL
Probe Hook - d76
1573-3
Keystone
31
1
P6
ENL
Probe Hook - d76
1573-3
Keystone
32
1
P7
PGOOD
Probe Hook - d76
1573-3
Keystone
33
1
P8
VIN
Probe Hook - d76
1573-3
Keystone
34
1
P9
VIN_GND
Probe Hook - d76
1573-3
Keystone
35
1
P10
VOUT
Probe Hook - d76
1573-3
Keystone
36
1
P11
VO_GND
Probe Hook - d76
1573-3
Keystone
37
1
Q1
Si4812BDY
30 V
SO-8
Si4812BDY
Vishay
38
1
R1
300K
50 V
SM/C_0603
CRCW060310K0FKEA
Vishay
39
1
R2
300K
50 V
SM/C_0603
CRCW06030000FKEA
Vishay
40
1
R4
1R01
200 V
C_2512
CRCW25121R00FKTA
Vishay
41
2
R5, R6
100K
50 V
SM/C_0603
CRCW0603100KFKEA
Vishay
42
1
R7
0R
50 V
SM/C_0603
CRCW06030000Z0EA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com