Electronic Components Datasheet Search
  English  ▼

X  

SIC431 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # SIC431
Description  3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC431 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button SIC431 Datasheet HTML 15Page - Vishay Siliconix SIC431 Datasheet HTML 16Page - Vishay Siliconix SIC431 Datasheet HTML 17Page - Vishay Siliconix SIC431 Datasheet HTML 18Page - Vishay Siliconix SIC431 Datasheet HTML 19Page - Vishay Siliconix SIC431 Datasheet HTML 20Page - Vishay Siliconix SIC431 Datasheet HTML 21Page - Vishay Siliconix SIC431 Datasheet HTML 22Page - Vishay Siliconix SIC431 Datasheet HTML 23Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 16-Oct-17
1
Document Number: 74345
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® MLP44-24L Case Outline
Notes
(1) Use millimeters as the primary measurement
(2) Dimensioning and tolerances conform to ASME Y14.5M. - 1994
(3) N is the number of terminals
(4) Dimension b applies to plated terminal and is measured between 0.20 mm and 0.25 mm from terminal tip
(5) The pin #1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body
(6) Exact shape and size of this feature is optional
(7) Package warpage max. 0.08 mm
(8) Applied only for terminals
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A (8)
0.70
0.75
0.80
0.027
0.029
0.031
A1
0.00
-
0.05
0.000
-
0.002
A2
0.20 ref.
0.008 ref.
b (4)
0.20
0.25
0.30
0.008
0.010
0.012
b1
0.15
0.20
0.25
0.006
0.008
0.010
D
3.90
4.00
4.10
0.155
0.157
0.159
e
0.45 BSC
0.018 BSC
e1
0.70 BSC
0.028 BSC
e2
0.90 BSC
0.035 BSC
E
3.90
4.00
4.10
0.154
0.157
0.161
L
0.35
0.40
0.45
0.014
0.016
0.018
N (3)
24
24
D2-1
1.00
1.05
1.10
0.039
0.041
0.043
D2-2
1.45
1.50
1.55
0.057
0.059
0.061
D2-3
2.68
2.73
2.78
0.106
0.108
0.110
D2-4
2.02
2.07
2.12
0.079
0.081
0.083
D2-5
0.47
0.52
0.57
0.018
0.020
0.022
E2-1
0.95
1.00
1.05
0.037
0.039
0.041
E2-2
1.10
1.15
1.20
0.043
0.045
0.047
E2-3
0.33
0.38
0.43
0.013
0.015
0.017
E2-4
0.95
1.00
1.05
0.037
0.039
0.041
E2-5
0.27
0.32
0.37
0.011
0.013
0.015
K
0.40 ref.
0.016 ref.
K1
0.57 ref.
0.022 ref.
K2
0.35 ref.
0.014 ref.
K3
0.35 ref.
0.014 ref.
K4
0.35 ref.
0.014 ref.
K5
0.525 ref.
0.021 ref.
K6
0.725 ref.
0.029 ref.
K7
0.575 ref.
0.023 ref.
K8
0.975 ref.
0.038 ref.
ECN: T17-0551-Rev. B, 16-Oct-17
DWG: 6055
Top view
Side view
Bottom view
MLP44-24L
(4 mm x 4 mm)
B
C
0.08
A
A1
A2
A
C
0.10
A
2 x
D
Pin 1 dot
by marking
(5) (6)
18 19 20 21
22 23 24
9
10
8
7
65
(4)
K5
K5
e x 3 = 1.35
e1
e x 2 = 0.9
K4
L1
D2-2
D2-1
D2-3
D2-4
K1
L1
K3
D2-5
e x 2 = 0.9
K5
K8
e
e
e1
17
16
15
14
13
12
1
2
3
4
11
K
b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com