Electronic Components Datasheet Search
  English  ▼

X  

SIC652DB Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIC652DB
Description  55 A VRPower® Integrated Power Stage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC652DB Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIC652DB Datasheet HTML 3Page - Vishay Siliconix SIC652DB Datasheet HTML 4Page - Vishay Siliconix SIC652DB Datasheet HTML 5Page - Vishay Siliconix SIC652DB Datasheet HTML 6Page - Vishay Siliconix SIC652DB Datasheet HTML 7Page - Vishay Siliconix SIC652DB Datasheet HTML 8Page - Vishay Siliconix SIC652DB Datasheet HTML 9Page - Vishay Siliconix SIC652DB Datasheet HTML 10Page - Vishay Siliconix SIC652DB Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SiC652
www.vishay.com
Vishay Siliconix
S19-0329-Rev. A, 08-Apr-2019
7
Document Number: 77194
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TMON/FAULT Temperature Monitor and Fault Flag
Functions
The TMON/FAULT output is used to report operating
conditions detected by the logic of the driver that require
attention.
A fault is reported by the TMON/FAULT output going high to
3.3 V.
The reported conditions are high temperature, insufficient
bootstrap
voltage,
persistent
over-current,
high
side
MOSFET short.
The TMON/FAULT output also reports the operating
temperature of the SiC652.
The temperature is converted to a voltage with a conversion
gain of 8 mV/°C and a target value of 600 mV at 0 °C.
In a multi-phase topology, all TMON/FAULT signals are
connected to the PWM controller and will indicate the temp.
of the warmest device.
If
the
operating
temperature
exceeds
140
°C
the
TMON/FAULT output will signal a fault condition. The fault is
reset when the temperature is below the temperature
hysteresis threshold.
For proper operation, the TMON output must be biased with
a resistor to ground. A 1 k
 resistor is recommended.The
SiC652 also has an over temperature shutdown feature that
stops operation when the temperature is above 160 °C.
The over temperature shutdown fault is reset by DISBL#
cycling or power cycling.
Over Current Protection Function
The SiC652 is equipped with over-current protection.
An over-current condition will also be reported through
the TMON/FAULT flag. The flag is automatically reset after
128 switching cycles that do not trigger the protection.
When the output current exceeds safe operating levels the
SiC652 will protect the power devices by forcing an early
termination of the high side conduction time and eventually
folding the operating frequency (skipping PWM cycles) as
needed.
High Side MOSFET Short Detection
A failure of the high side MOSFET may cause significant
system damage. For this reason the SiC652 monitors the
switching node (PHASE) cycle by cycle in order to promptly
detect a short of the high side power device.
After four consecutive HS short condition cycles are
detected, the SiC652 will report the fault with the
TMON/FAULT flag, and will ignore the incoming PWM signal.
The low side MOSFET is activated to protect the load from
high voltage.
The fault flag can only be reset by cycling power to the
driver’s logic.
FUNCTIONAL BLOCK DIAGRAM
Fig. 3 - Functional Block Diagram
0.8
1.72
3.0
115
25
140 160
Temp. (°C)
VTMON/FAULT (V)
T
module = (VTMON/FAULT - 0.6)/0.008
ZCD_EN#
V
SWH
GL
UVLO
UVLO
PWM logic
and protection
Driver and
anti-cross conduction control logic
Zero-cross detection
Over current protection
HS short detection
Temperature
monitor
BOOT
VIN
PWM
C
GND
PGND
PHASE
V
CC
V
IN_S
DSBL#
T
MON/FAULT
BOOT
V
CC
VREF = 1 V
VREF = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com