Electronic Components Datasheet Search
  English  ▼

X  

SIC652DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIC652DB
Description  55 A VRPower® Integrated Power Stage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC652DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SIC652DB Datasheet HTML 1Page - Vishay Siliconix SIC652DB Datasheet HTML 2Page - Vishay Siliconix SIC652DB Datasheet HTML 3Page - Vishay Siliconix SIC652DB Datasheet HTML 4Page - Vishay Siliconix SIC652DB Datasheet HTML 5Page - Vishay Siliconix SIC652DB Datasheet HTML 6Page - Vishay Siliconix SIC652DB Datasheet HTML 7Page - Vishay Siliconix SIC652DB Datasheet HTML 8Page - Vishay Siliconix SIC652DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiC652
www.vishay.com
Vishay Siliconix
S19-0329-Rev. A, 08-Apr-2019
1
Document Number: 77194
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
55 A VRPower® Integrated Power Stage
DESCRIPTION
The SiC652 is a high frequency integrated power stage
optimized for synchronous buck applications to offer high
current,
high
efficiency,
and
high
power
density
performance with very low shutdown current. Packaged in
Vishay’s proprietary 5 mm x 5 mm MLP package, SiC652
enables voltage regulator designs to deliver up to 55 A
continuous current per phase.
The internal power MOSFETs utilize Vishay’s latest
TrenchFET® technology that delivers industry benchmark
performance
to
significantly
reduce
switching
and
conduction losses.
The SiC652 incorporates an advanced MOSFET gate driver
IC that features high current driving capability, adaptive
dead-time control, an integrated bootstrap switch, and user
selectable zero current detection to improve light load
efficiency. The driver is also compatible with a wide range of
PWM controllers, supports tri-state PWM, and 5 V and 3.3 V
PWM logic.
The device also supports PS4 mode to reduce power
consumption when the system is in standby state.
The SiC652 offers operating temperature monitoring,
protection features, and warning flags that improve system
monitoring and reliability.
APPLICATIONS
• Multi-phase VRDs for computing, graphics card and
memory
• Intel core processor power delivery
- VCORE, VGRAPHICS, VSYSTEM AGENT
- VCCGI
• Up to 24 V rail input DC/DC VR modules
FEATURES
• Highly efficient
-Thermally enhanced PowerPAK® MLP55-31L
package
- Vishay’s latest TrenchFET technology and low
side MOSFET with integrated Schottky diode
- Integrated, low impedance, bootstrap switch
- Power MOSFETs optimized for 19 V input stage
- Supports PS4 mode light load requirement with low
shutdown supply current (5 V, 3 μA)
- Zero current detection for improved light load efficiency
• Highly versatile
- 5 V and 3.3 V PWM logic with tri-state and hold-off timer
- 5 V DSBL#, ZCD_EN# logic with PS4 state support
- High frequency operation up to 2 MHz
• Robust and reliable
- Delivers in excess of 55 A continuous current, 70 A, peak
(10 ms) and 100 A, peak (10 μs)
- Over current protection
- Over temperature flag
- Over temperature protection
- Undervoltage lockout protection
- High side MOSFET short detection
• Effective monitoring and reporting
- Accurate temperature reporting
- Warnings and faults reporting flag
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATION DIAGRAM
Fig. 1 - Typical Application Diagram
PWM
controller
Gate
driver
5 V
V
OUT
ZCD_EN#
PWM
BOOT
VSWH
PHASE
T
MON/FAULT
DSBL#
V
IN


Similar Part No. - SIC652DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC652 VISHAY-SIC652 Datasheet
130Kb / 6P
55 A VRPower® Integrated Power Stage
28-Jul-2020
SIC652A VISHAY-SIC652A Datasheet
130Kb / 6P
55 A VRPower® Integrated Power Stage
28-Jul-2020
More results

Similar Description - SIC652DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
30 A VRPower Integrated Power Stage
02-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
50 A VRPower Integrated Power Stage
27-Jun-16
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
50 A VRPower Integrated Power Stage
30-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
35 A VRPower® Integrated Power Stage
14-Nov-16
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
30 A VRPower® Integrated Power Stage
10-Oct-16
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
60 A VRPower Integrated Power Stage
08-Dec-14
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
60 A VRPower Integrated Power Stage
03-Nov-14
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
60 A VRPower® Integrated Power Stage
08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com