Electronic Components Datasheet Search
  English  ▼

X  

SP432 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP432
Description  High Speed, Low Power Quad RS-422 Differential Line Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP432 Datasheet(HTML) 1 Page - Sipex Corporation

  SP432 Datasheet HTML 1Page - Sipex Corporation SP432 Datasheet HTML 2Page - Sipex Corporation SP432 Datasheet HTML 3Page - Sipex Corporation SP432 Datasheet HTML 4Page - Sipex Corporation SP432 Datasheet HTML 5Page - Sipex Corporation SP432 Datasheet HTML 6Page - Sipex Corporation SP432 Datasheet HTML 7Page - Sipex Corporation SP432 Datasheet HTML 8Page - Sipex Corporation SP432 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
SP432DS/10
SP432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 1997 Sipex Corporation
SP432
High Speed, Low Power Quad RS-422
Differential Line Receiver
The SP432 is a quad differential line receiver designed to meet the specifications of
RS-422. The SP432 features Sipex's BiCMOS process allowing low power operational
characteristics of CMOS technology while meeting all of the demands of the RS-422 serial
protocol over 50Mbps under load. The RS-422 protocol allows up to 10 receivers to be
connected to a multipoint bus transmission line. The SP432 features a receiver enable
control common to all four receivers and a tri-state output with 6mA source and sink
capability. Since the cabling can be as long as 4,000 feet, the RS-422 receivers of the SP432
are equipped with a wide (-7.0V to +7.0V) common-mode input voltage range to accomodate
ground potential differences.
s Compatible with the EIA standard for
RS-422 serial protocol
s Quad Differential Line Receivers
s Tri-state Output Control
s 8ns Typical Receiver Propagation Delays
s 60mV Typical Input Hysteresis
s Single +3.3V to +5V Supply Operation
s Common Receiver Enable Control
s Compatibility with the industry standard
26LV32 and 26C32
s -7.0V to +7.0V Common-Mode Input
Voltage Range
DESCRIPTION
RI
4
A RI
4
B
VCC
GND
R04
R02
R03
R01
INPUTS
OUTPUTS
ENABLE
ENABLE
RI
3
A RI
3
B
RI
2
A RI
2
B
RI
1
A RI
1
B
VCC
RI2B
1
2
3
4
13
14
5
6
7
RI3A
RI1A
R01
ENABLE
R02
RI2A
R03
RI1B
ENABLE
R04
RI4A
RI4B
8
9
GND
RI3B
10
12
11
15
16
SP432
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP432

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
Low Voltage Adjustable Precision Shunt Regulators
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
50 廓 RF Digital Attenuator
logo
Littelfuse
SP4322 LITTELFUSE-SP4322 Datasheet
950Kb / 5P
SP4322 0.4pF 11A Bidirectional Diode Array
2020 Littelfuse, Inc
SP4322-01ETG LITTELFUSE-SP4322-01ETG Datasheet
979Kb / 5P
TVS Diode Arrays (SPA ? Diodes) Low Capacitance ESD Protection - SP4322
Revision: 04/14/20
SP4322-01ETG LITTELFUSE-SP4322-01ETG Datasheet
950Kb / 5P
SP4322 0.4pF 11A Bidirectional Diode Array
2020 Littelfuse, Inc
More results

Similar Description - SP432

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
Quad RS-422, RS-423 Line Receiver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
High Speed, 3.3V Quad RS-422 Differential Line Driver
SP26LV432 SIPEX-SP26LV432 Datasheet
124Kb / 11P
High Speed, Low Power Quad RS-422 Differential Line Receiver
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
High Speed, 3.3V Quad RS-422 Differential Line Driver
SP26LV432 SIPEX-SP26LV432_06 Datasheet
171Kb / 11P
High-Speed, Low-Power Quad RS-422 Differential Line Receiver
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com