Electronic Components Datasheet Search
  English  ▼

X  

SP4426 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP4426
Description  Electroluminescent Lamp Driver with High Output Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4426 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP4426 Datasheet HTML 3Page - Sipex Corporation SP4426 Datasheet HTML 4Page - Sipex Corporation SP4426 Datasheet HTML 5Page - Sipex Corporation SP4426 Datasheet HTML 6Page - Sipex Corporation SP4426 Datasheet HTML 7Page - Sipex Corporation SP4426 Datasheet HTML 8Page - Sipex Corporation SP4426 Datasheet HTML 9Page - Sipex Corporation SP4426 Datasheet HTML 10Page - Sipex Corporation SP4426 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SP4426DS/01
SP4426 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
9
EL Lamp manufacturers
Leading Edge Ind. Inc.
11578 Encore Circle
Minnetonka, MN 55343
Phone 1-800-845-6992
Nippon Graphite
Peter J. Opdahl
123 NW 13th Street #308
Boca Raton, FL 33432
Phone: (407) 392-2555
Fax: (407) 392-0807
Luminescent Systems inc. (LSI)
101 Etna Road
Lebanon, NH. 03766-9004
Phone: (603) 448-3444
Fax: (603) 448-33452
EL polarizers/transflector
manufacturers
Nitto Denko
Yoshi Shinozuka
56 Nicholson Lane
San Jose, CA. 432-5480
Top Polarizer- NPF F1205DU
Bottom - NPF F4225
or (F4205) P3 w/transflector
Transflector Material
Astra Products
Mark Bogin
P.O. Box 479
Baldwin, NJ 11510
Phone (516)-223-7500
Fax (516)-868-2371
NEC Corporation
Yumi Saskai
7-1, Shiba 5 Chome, Minato-ku,
Tokyo 108-01, Japan
Phone: (03) 3798-9572
Fax: (03) 3798-6134
Seiko Precision
Shuzo Abe
1-1, Taihei 4-Chome,
Sumida-ku, Tokyo, 139 Japan
Phone: (03) 5610-7089
Fax: (03) 5610-7177
MKS
7 N. Industrial Blvd
Bridgeton, NJ. 08302
Phone: (609) 451-5545
Fax: (609) 451-9096
Coilcraft USA
Ph: (847) 639-6400
Fax: (847) 639-1469
Coilcraft Europe
Ph: 44 01236 730595
Fax: 44 01236 730627
Coilcraft Taiwan
Ph: 886/2/264-3646
Fax: 886/2/270-0294
Coil Craft Singapore
Ph: 65 296-6933
Fax: 465 296-4463 #382
Part No. DO1608C-474
470
µH, 3.60 ohm
.175
4.45
Max
Max
.260
6.60
Coil Manufacturers
New Coils
Coilcraft Hong Kong
Ph: 852 770-9428
Fax: 852 770-0729
(All Dimensions in mm)
.155
3.94
Dia
Max
.115
2.92
(All Dimensions in mm)
KOA Speer Electronics, Inc.
Ph: 814-362-5536
Fax: 814-362-8883
Part No. LPC4045TE471K
470
µH, 4.55 ohm
4.5 Max
4.0
± 0.2
4.5
± .02
5.0
±0.3
5.0
±0.3
5.7
±0.3
(All Dimensions in mm)
muRata USA
Ph: (770) 436-1300
Fax: (770) 436-3030
muRata Europe
Ph: 011-4991166870
Fax: 011-49116687225
muRata Taiwan Electronics
Ph: 011 88642914151
Fax: 011 88644252929
muRata Electronics
Singapore
Ph: 011 657584233
Fax: 011 657536181
muRata Hong Kong
Ph: 011-85223763898
Fax: 011 852237555655
Part No. LQN4N471K04
470
µH, 11.5 ohm
Part No. 667MA471N
470
µH, 1.90 ohm
(All Dimensions in mm)
7.3
±0.2
(All Dimensions in mm)
4.4 Max
4.4 Max
Sumida Electric Co., LTD.
USA
Ph: (847) 956-0666
Fax: (847) 956-0702
Sumida Electric Co., LTD.
Japan
Ph: 03-3607-5111
Fax: 03-3607-5144
Sumida Electric Co., LTD.
Singapore
Ph: 2963388
Fax: 2963390
Sumida Electric Co., LTD.
Hong Kong
Ph: 28806688
Fax: 25659600
Part No. CDRH74-471MC
470
µH, 3.01 ohm
Toko America Inc. USA
Ph: (847) 297-0070
Fax: (847) 699-7864
Toko Inc. Europe
Ph: (0211) 680090
Fax: (0211) 679-9567
Toko Inc. Japan
Ph: 03 3727 1161
Fax: 03 3727 1176
Toko Inc. Singapore
Ph: (255) 4000
Fax: (250) 8134
Toko Inc. Hong Kong
Ph: 2342-8131
Fax: 2341-9570
7.3
±0.2
4.5
Max
2.75 Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com