Electronic Components Datasheet Search
  English  ▼

X  

SP4426 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP4426
Description  Electroluminescent Lamp Driver with High Output Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4426 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP4426 Datasheet HTML 3Page - Sipex Corporation SP4426 Datasheet HTML 4Page - Sipex Corporation SP4426 Datasheet HTML 5Page - Sipex Corporation SP4426 Datasheet HTML 6Page - Sipex Corporation SP4426 Datasheet HTML 7Page - Sipex Corporation SP4426 Datasheet HTML 8Page - Sipex Corporation SP4426 Datasheet HTML 9Page - Sipex Corporation SP4426 Datasheet HTML 10Page - Sipex Corporation SP4426 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SP4426DS/01
SP4426 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
10
P
W
2"
2"
1
0.150/0.157
SP4426
0.228/0.244
0.337/0.344
0.050 BSC
0.053/0.069
0.014/0.019
NSOIC-8 13" reels: P=8mm, W=12mm
Minimum qty per reel
Standard qty per reel
Maximum qty per reel
CN
500
1500
2500
100 SP4426 die per waffle pack
50 SP4426 per tube, no minimum quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com