Electronic Components Datasheet Search
  English  ▼

X  

SI9933CDY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9933CDY
Description  Dual P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9933CDY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9933CDY Datasheet HTML 1Page - Vishay Siliconix SI9933CDY Datasheet HTML 2Page - Vishay Siliconix SI9933CDY Datasheet HTML 3Page - Vishay Siliconix SI9933CDY Datasheet HTML 4Page - Vishay Siliconix SI9933CDY Datasheet HTML 5Page - Vishay Siliconix SI9933CDY Datasheet HTML 6Page - Vishay Siliconix SI9933CDY Datasheet HTML 7Page - Vishay Siliconix SI9933CDY Datasheet HTML 8Page - Vishay Siliconix SI9933CDY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Si9933CDY
www.vishay.com
Vishay Siliconix
S-81729-Rev. A, 04-Aug-08
4
Document Number: 68791
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
- 50
- 25
0
25
50
75
100
125
150
ID =250 µA
TJ - Temperature (°C)
0
0.02
0.04
0.06
0.08
0246
8
10
12
VGS - Gate-to-Source Voltage (V)
TJ =25 °C
TJ =125 °C
ID = - 4.8 A
0
10
20
30
40
50
10
1
1
0
0
.
00.01
Time (s)
0.1
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
1s
10 s
DC
Limited by RDS(on)*
BVDSS Limited
10 ms
1ms
100 ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com