Electronic Components Datasheet Search
  English  ▼

X  

SI9933CDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9933CDY
Description  Dual P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9933CDY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9933CDY Datasheet HTML 1Page - Vishay Siliconix SI9933CDY Datasheet HTML 2Page - Vishay Siliconix SI9933CDY Datasheet HTML 3Page - Vishay Siliconix SI9933CDY Datasheet HTML 4Page - Vishay Siliconix SI9933CDY Datasheet HTML 5Page - Vishay Siliconix SI9933CDY Datasheet HTML 6Page - Vishay Siliconix SI9933CDY Datasheet HTML 7Page - Vishay Siliconix SI9933CDY Datasheet HTML 8Page - Vishay Siliconix SI9933CDY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Si9933CDY
www.vishay.com
Vishay Siliconix
S-81729-Rev. A, 04-Aug-08
1
Document Number: 68791
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual P-Channel 20 V (D-S) MOSFET
FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
•Load switch
•DC/DC converter
Notes
a. Based on TC = 25 °C
b. Surface mounted on 1" x 1" FR4 board
c. t = 10 s
d. Maximum under steady state conditions is 110 °C/W
e. Package limited
PRODUCT SUMMARY
VDS (V)
-20
RDS(on) max. () at VGS = -4.5 V
0.058
RDS(on) max. () at VGS = -2.5 V
0.094
Qg typ. (nC)
8
ID (A) a, e
-4
Configuration
Dual
Top View
SO-8 Dual
1
S
1
2
G
1
3
S
2
1
2
G
3
S
2
4
G
2
D
1
7
D
2
6
D
2
5
D
1
8
Available
S1
G1
D1
P-Channel
MOSFET
S2
G2
D2
P-Channel
MOSFET
ORDERING INFORMATION
Package
SO-8
Lead (Pb)-free
Si9933CDY-T1-E3
Lead (Pb)-free and halogen-free
Si9933CDY-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
-20
V
Gate-source voltage
VGS
± 12
Continuous drain current (TJ = 150 °C)
TC = 25 °C
ID
-4 e
A
TC = 70 °C
-4 e
TA = 25 °C
-4 b, c, e
TA = 70 °C
-3.8 b, c
Pulsed drain current (10 μs pulse width)
IDM
-20
Source-drain current diode current
TC = 25 °C
IS
-2.5
TA = 25 °C
-1.7 b, c
Single pulse avalanche current
L = 0.1 mH
IAS
-6
Single-pulse avalanche energy
EAS
1.8
mJ
Maximum power dissipation
TC = 25 °C
PD
3.1
W
TC = 70 °C
2
TA = 25 °C
2 b, c
TA = 70 °C
1.28 b, c
Operating junction and storage temperature range
TJ, Tstg
-50 to +150
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
TYPICAL
MAXIMUM
Maximum junction-to-ambient b, d
t
 10 s
RthJA
52
62.5
°C/W
Maximum junction-to-foot (drain)
Steady state
RthJF
32
40


Similar Part No. - SI9933CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9933CDY VISHAY-SI9933CDY Datasheet
189Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
19-Jan-09
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
Dual P-Channel 20-V (D-S) MOSFET
04-Aug-08
logo
VBsemi Electronics Co.,...
SI9933CDY-T1-GE3 VBSEMI-SI9933CDY-T1-GE3 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI9933CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
Dual P-Channel 20-V (D-S) MOSFET
18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
13-Jun-05
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
29-Mar-04
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
Dual P-Channel 20 V (D-S) MOSFET
19-Jul-10
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
14-May-07
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
Dual P-Channel 20-V (D-S) MOSFET
04-Aug-08
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
02-Jun-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
09-Mar-09
logo
VBsemi Electronics Co.,...
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com