Electronic Components Datasheet Search
  English  ▼

X  

MDT2020DF Datasheet(PDF) 8 Page - Micon Design Technology Corporation

Part # MDT2020DF
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020DF Datasheet(HTML) 8 Page - Micon Design Technology Corporation

Back Button MDT2020DF Datasheet HTML 4Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 5Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 6Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 7Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 9Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 10Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 11Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 12Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MDT2020(DF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 7
2005/6
VER 1.3
Instruction Code
Mnemonic
Operands
Function
Operating
Status
0001bb brrrrrrr
BTSC
R, b Bit Test,skip if clear
Skip if R(b)=0
None
0011bb brrrrrrr
BTSS
R, b Bit Test,skip if set
Skip if R(b)=1
None
100nnn nnnnnnnn
LCALL
n
Long CALL subroutine
n→PC,
PC+1→Stack
None
101nnn nnnnnnnn
LJUMP
n
Long JUMP to address
n→PC
None
110000 nnnnnnnn
CALL
n
Call subroutine
n→PC,
PC+1→Stack
None
110001 iiiiiiii
RTWI
i
Return, place immediate to
W
Stack→PC,
i→W
None
11001n nnnnnnnn
JUMP
n
JUMP to address
n→PC
None
Note :
W
:
Working register
b
:
Bit position
WT
:
Watchdog timer
t
:
Target
TMODE
:
TMODE mode register
0
:
Working register
CPIO
:
Control I/O port register
1
:
General register
TF
:
Timer overflow flag
R
:
General register address
PF
:
Power loss flag
C
:
Carry flag
PC
:
Program Counter
HC :
Half carry
OSC
:
Oscillator
Z
:
Zero flag
Inclu.
:
Inclusive
‘∪’
/
:
Complement
Exclu.
:
Exclusive
‘♁’
x
:
Don’t care
AND
:
Logic AND ‘∩’
i
:
Immediate data ( 8 bits )
n
:
Immediate address
9. Electrical Characteristics
(A) Operating Voltage & Frequency
Vdd ﹕2.3 V ~ 5.5 V
Frequency﹕0 Hz ~ 20 MHz
(B) Input Voltage
@ Vdd=5.0 V, Temperature=25 ℃
Port
Min.
Max.
Vil
PA, PB, PC
RTCC, /MCLR
Vss
Vss
1.0 V
1.0 V
Vih
PA, PB, PC
RTCC, /MCLR
2.0 V
3.3 V
Vdd
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com