Electronic Components Datasheet Search
  English  ▼

X  

MDT2020DF Datasheet(PDF) 10 Page - Micon Design Technology Corporation

Part # MDT2020DF
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020DF Datasheet(HTML) 10 Page - Micon Design Technology Corporation

Back Button MDT2020DF Datasheet HTML 6Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 7Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 9Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 10Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 11Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 12Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 13Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 14Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MDT2020(DF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 9
2005/6
VER 1.3
F) Operating Current
Temperature=25℃, the typical value as followings :
(i) OSC Type=RC ; WDT-Enable; @ Vdd=5.0 V
Cext. (F)
Rext. (Ohm)
Frequency (Hz)
Current (A)
4.7 K
11.8 M
1.5 mA
10.0 K
5.9 M
835
µA
3P
47.0 K
1.3 M
280
µA
100.0 K
685 K
190
µA
300.0 K
225 K
140
µA
470.0 K
140 K
132
µA
4.7 K
6.1 M
865
µA
10.0 K
3.1 M
513
µA
20P
47.0 K
760 K
195
µA
100.0 K
355 K
155
µA
300.0 K
120 K
125
µA
470.0 K
75 K
120
µA
4.7 K
1.9 M
355
µA
10.0 K
1.0 k
225
µA
100P
47.0 K
220 K
130
µ A
100.0 K
100 K
116
µA
300.0 K
35 K
110
µA
470.0 K
22 K
108
µA
4.7 K
950 K
210
µA
10.0 K
520 K
155
µA
300P
47.0 K
95 K
115
µA
100.0 K
45 K
106
µA
300.0 K
15.0 K
102
µA
470.0 K
9.6 K
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com