Electronic Components Datasheet Search
  English  ▼

X  

DP8522AV-20 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522AV-20
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522AV-20 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP8522AV-20 Datasheet HTML 35Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 36Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 37Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 38Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 39Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 40Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 41Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 42Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
90 Programming and Resetting (Continued)
93 EXTERNAL RESET
At power up if the internal power up reset worked all inter-
nal latches and flip-flops are cleared The power up state is
entered by asserting ML and DISRFSH for 16 positive edg-
es of CLK After 16 clocks if the user negates DISRFSH
before negating ML as shown in
Figure 51 ML negated
will program the chip If ML is negated before or at the same
time as DISRFSH as shown in
Figure 52 the chip will not be
programmed After the chip is programmed the 60 ms ini-
tialization period will be entered into if this is the first pro-
gramming after power up or reset The user must perform
an external reset before programming the DP8520A21A
22A
TLF9338 – A2
FIGURE 51 Chip Reset and Programmed
TLF9338 – A3
FIGURE 52 Chip Reset but Not Programmed
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com