Electronic Components Datasheet Search
  English  ▼

X  

DP8522AV-20 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522AV-20
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522AV-20 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP8522AV-20 Datasheet HTML 45Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 46Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 47Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 48Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 49Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 50Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 51Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 52Page - National Semiconductor (TI) DP8522AV-20 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
150 AC Timing Parameters DP8520ADP8521ADP8522A (Continued)
Common Parameter
8520A21A22A-25
Number
Symbol
Description
CL
CH
Min
Max
Min
Max
1
fCLK
CLK Frequency
0
25
0
25
2
tCLKP
CLK Period
40
40
3 4
tCLKPW
CLK Pulse Width
12
12
5
fDCLK
DELCLK Frequency
5
20
5
20
6
tDCLKP
DELCLK Period
50
200
50
200
7 8
tDCLKPW
DELCLK Pulse Width
12
12
9a
tPRASCAS0
RAS Asserted to CAS Asserted
30
30
(tRAH e 15 ns tASC e 0 ns)
9b
tPRASCAS1
RAS Asserted to CAS Asserted
40
40
(tRAH e 15 ns tASC e 10 ns)
9c
tPRASCAS2
(RAS Asserted to CAS Asserted
40
40
(tRAH e 25 ns tASC e 0 ns)
9d
tPRASCAS3
(RAS Asserted to CAS Asserted
50
50
(tRAH e 25 ns tASC e 10 ns)
10a
tRAH
Row Address Hold Time (tRAH e 15)
15
15
10b
tRAH
Row Address Hold Time (tRAH e 25)
25
25
11a
tASC
Column Address Setup Time (tASC e 0)
0
0
11b
tASC
Column Address Setup Time (tASC e 10)
10
10
12
tPCKRAS
CLK High to RAS Asserted
22
26
following Precharge
13
tPARQRAS
AREQ Negated to RAS Negated
31
35
14
tPENCL
ECAS0 – 1 Asserted to CAS Asserted
20
27
15
tPENCH
ECAS0 – 1 Negated to CAS Negated
20
27
16
tPARQCAS
AREQ Negated to CAS Negated
47
54
17
tPCLKWH
CLK to WAIT Negated
31
31
18
tPCLKDL0
CLK to DTACK Asserted
(Programmed as DTACK of 12 1 1
28
28
or if WAITIN is Asserted)
19
tPEWL
ECAS Negated to WAIT Asserted
36
36
during a Burst Access
20
tSECK
ECAS Asserted Setup to CLK High to
Recognize the Rising Edge of CLK
19
19
during a Burst Access
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com