Electronic Components Datasheet Search
  English  ▼

X  

MSK4203EU Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK4203EU
Description  75 VOLT 10 AMP H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4203EU Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK4203EU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4203EU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4203EU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4203EU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4203EU Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
MSK 4203 PIN DESCRIPTIONS
Rev. A 10/02
3
VCC - Is the low voltage supply for powering internal
logic and drivers for the lowside and highside MOSFETS.
The supplies for the highside drivers are derived from this
voltage. The +5V regulator also gets its supply voltage
from this pin. Optimum operation occurs with VCC set at
12V.
V+ - Is the high voltage H-bridge supply. The MOSFETS
obtain the drive current from this supply pin. The voltage
on this pin is limited by the drive IC. The MOSFETS are
rated at 100 volts. Proper bypassing to GND with suffi-
cient capacitance to suppress any voltage transients, and
ensure removal of any drooping during switching, should
be done as close to the pins on the hybrid as possible.
OUTPUT A - Is the output pin for one half of the bridge.
Increasing the input voltage causes increased duty cycles
at this output.
OUTPUT B - Is the output pin for the other half of the
bridge. Decreasing the input voltage causes increased
duty cycles at this output.
RSENSE A - Is the connection for the bottom of the A half
bridge. This can have a sense resistor connected to the
V+ return ground for current limit sensing, or can be con-
nected directly to ground. The maximum voltage on this
pin is ±2 volts with respect to GND.
RSENSE B - Is the connection for the bottom of the B half
bridge. This can have a sense resistor connected to the
V+ return ground for current limit sensing, or can be con-
nected directly to ground. The maximum voltage on this
pin is ±2 volts with respect to GND.
HEN - Is the connection for enabling the high side output
switches. When taken low, HEN overrides other inputs
and the high side switches remain off. When HEN is high,
everything functions normally. An internal pullup to Vcc
will keep HEN high if left unconnected.
INPUT - Is an analog input for controlling the PWM pulse
width of the bridge. A voltage higher than 6V will pro-
duce greater than 50% duty cycle pulses out of OUTPUT
A. A voltage lower than 6V will produce greater than
50% duty cycle pulses out of OUTPUT B.
DIS - Is the connection for disabling all 4 output switches.
DIS high overrides all other inputs. When taken low, ev-
erything functions normally. An internal pullup to Vcc will
keep DIS high if left unconnected. This pin should be
grounded if not used.
GND - Is the return connection for the input logic and
Vcc.
+5V OUT- Is the output of the internal linear regulator.
This pin should be bypassed to GND using a 4.7µF tanta-
lum capacitor and a 0.1µF ceramic capacitor . This pin
can supply up to 500mA of output current for powering
other external circuitry, depending on case temperature
and input voltage.
ABSOLUTE MAXIMUM RATINGS
75V
16V
10A
23A
GND-2V min. to V+ max.
500mA
VCC
OV to VCC
V+
VCC
IOUT
IPK
VOUT
IOUT
VIN
VL
-65°C to +150°C
300°C
-55°C to +125°C
-40°C to +125°C
+175°C
3.9°C/W
18°C/W
TST
TLD
TC
TJ
θJc
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Output Voltage Range
(+5V Regulator)
Input Voltage
Logic Input Voltage (HEN,DIS)
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4203H/E
MSK4203
Junction Temperature
Thermal Resistance
(Output FETS @ 125°C)
(+5Vout Regulator @ 125°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com