Electronic Components Datasheet Search
  English  ▼

X  

MSK4203EU Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4203EU
Description  75 VOLT 10 AMP H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4203EU Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4203EU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4203EU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4203EU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4203EU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4203EU Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
ISO 9001 CERTIFIED BY DSCC
4203
75 VOLT 10 AMP
H-BRIDGE PWM MOTOR
DRIVER/AMPLIFIER
MIL-PRF-38534 QUALIFIED
FEATURES:
75 Volt, 10 Amp Capability
Self-Contained Smart Lowside/Highside Drive Circuitry
Internal PWM Generation, Shoot-through Protection
Isolated Case Allows Direct Heatsinking
On Board 5 Volt Regulator
Available Fully Screened To MIL-PRF-38534 Class H
Logic Level High Side Enable Control
Logic Level Disable Input
TYPICAL APPLICATIONS
Rev. A 10/02
1
DESCRIPTION:
The MSK 4203 is a complete H-Bridge hybrid intended for use in DC brushed motor control applications or Class D
switchmode amplification. All of the drive/control circuitry for the lowside and highside switches are internal to the hybrid,
as well as a +5V linear regulator. The PWM circuitry is internal as well, leaving the user to only provide an analog signal
for the motor speed/direction, or audio signal for switchmode audio amplification. The MSK 4203 is packaged in a space
efficient isolated 18 pin power package available in three lead form configurations that can be directly connected to a
heatsink.
EQUIVALENT SCHEMATIC


Similar Part No. - MSK4203EU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4203EU ANAREN-MSK4203EU Datasheet
121Kb / 5P
75 VOLT 10 AMP H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
More results

Similar Description - MSK4203EU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK4220 ETC-MSK4220 Datasheet
427Kb / 5P
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4222 ETC-MSK4222 Datasheet
413Kb / 5P
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4223 MSK-MSK4223 Datasheet
358Kb / 5P
75 VOLT 6 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
List of Unclassifed Man...
MSK4221 ETC1-MSK4221 Datasheet
409Kb / 5P
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4200 MSK-MSK4200 Datasheet
153Kb / 5P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4225S MSK-MSK4225S Datasheet
235Kb / 5P
75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
Anaren Microwave
MSK4200 ANAREN-MSK4200 Datasheet
146Kb / 6P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4201 ANAREN-MSK4201 Datasheet
144Kb / 6P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4203 ANAREN-MSK4203 Datasheet
121Kb / 5P
75 VOLT 10 AMP H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4225 ANAREN-MSK4225 Datasheet
132Kb / 5P
75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com