Electronic Components Datasheet Search
  English  ▼

X  

MSK4354HS Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4354HS
Description  10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4354HS Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4354HS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OUTPUT CHARACTERISTICS
VC-E (On) Voltage (Each IGBT)
Leakage Current (Each IGBT)
Reverse Recovery Time
BIAS SUPPLY CHARACTERISTICS
+Vcc Bias Current
+VB Bias Current
INPUT SIGNAL CHARACTERISTICS
Positive Trigger Threshold Voltage
Negative Trigger Threshold Voltage
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK 4354
MSK 4354H/E
Junction Temperature
2
Rev. E 12/04
ABSOLUTE MAXIMUM RAT-
INGS
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Thermal Resistance @ 125°C
(Output Switches)(Junction to Case)
Thermal Resistance @ 125°C
(Diodes)
1
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
2 Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
3 Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
4 Subgroups 5 and 6 testing available upon request.
5 Subgroup
1, 4
TA = TC = +25°C
2, 5
TA = TC = +125°C
3, 6
TA = TC = -55°C
ELECTRICAL SPECIFICATIONS
Parameters
MSK 4354H/E
Min.
Typ.
Max.
Ic=10A
V+ = 600V
V+ = 500V
V+ = 600V
ID=10A
ID=10A, di/dt=100A/µS, Vr=350V
+Vcc=15V
+VB=15V
+Vcc=15V
+Vcc=15V
+Vcc Positive Going Threshold
+Vcc Negative Going Threshold
Low Side Turn-off to High Side Turn-On
High Side Turn-off to Low Side Turn-On
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2.7
-
7.2
6.7
280
4
3.8
3.5
4.0
500
2.5
1.5
2.5
2.5
2.5
180
6
8
6
1
2
1
-
0.8
10.8
9.9
520
6
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2.7
-
7.2
6.7
280
4
3.2
-
-
250
-
-
2.0
-
-
-
-
-
-
-
-
-
-
-
8.9
8.2
400
5
3.9
-
-
600
-
-
2.6
-
-
180
6
-
-
1
-
-
-
0.8
10.8
9.9
520
6
MSK 4354
Min.
Typ. Max.
1
2
3
1
2
3
1
2
3
-
1
2
3
1
2
3
-
-
1,2,3
1,2,3
-
-
3.1
2.6
3.5
250
1.75
0.7
1.9
1.8
1.9
-
-
-
-
-
-
-
-
-
8.9
8.2
400
5
volts
volts
volts
µA
mA
mA
volts
volts
volts
nS
mA
mA
mA
mA
mA
mA
volts
volts
volts
volts
nSEC
µSEC
3
GROUP A
SUBGROUP
5
Test Conditions
NOTES:
1
-65° to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
+150°C
TsT
TLD
TC
TJ
V+
VCC
IOUT
IPK
θJC
θJC
600V
18V
10A
30A
1.35°C/W
1.7°C/W
UNITS
2
Instantaneous Forward Voltage
(FRED Flyback Diode)
Under-voltage Lockout
Dead Time
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com