Electronic Components Datasheet Search
  English  ▼

X  

MSK4354HS Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4354HS
Description  10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4354HS Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4354HS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4354HS Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
600V,10 Amp Capability
Ultra Low Thermal Resistance - Junction to Case - 1.35°C/W (Each IGBT)
Self-Contained, Smart Lowside/Highside Drive Circuitry
Bootstrap High-Side Supplies
Under-Voltage Lockout
Capable of Switching Frequencies to 25KHz
Isolated Case Allows Direct Heat Sinking
Bolt-down Design Allows Superior Heat Dissipation
DESCRIPTION:
The MSK 4354 is a 10 Amp, 3 Phase Bridge Smart Power Motor Drive Hybrid with a 600 volt rating on the
output switches. The output switches are Insulated Gate Bipolar Transistors (IGBT's). The free-wheeling diodes
are Fast Recovery Epitaxial Diodes (FRED's) to provide matched current capabilities with the IGBT's and are speci-
fied with excellent reverse recovery times.
This new smart power motor drive hybrid is 5.0 volt input logic
compatible. Under-voltage lockout shuts down the bridge when the supply voltage gets to a point of incomplete
turn-on of the output switches.
The internal high-side bootstrap power supply derived from the +VB supply
completely eliminates the need for 3 floating independent power supplies.
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 CERTIFIED
ISO-9001 CERTIFIED BY DSCC
Rev. E 12/04
TYPICAL APPLICATIONSPIN-OUT INFORMATION
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
3 PHASE SIX STEP DC BRUSHLESS MOTOR DRIVE
OR 3 PHASE SINUSOIDAL INDUCTION MOTOR DRIVE
EQUIVALENT SCHEMATIC
M.S. KENNEDY CORP.
1
2
3
4
5
6
7
8
9
10
H INA
L INA
+VCC
H INB
L INB
COM
COM
+VB
H INC
L INC
20
19
18
17
16
15
14
13
12
11
V+
N/C
AV-
AØ
N/C
BV-
BØ
N/C
CV-
CØ
1
M.S.KENNEDY CORP.
4354
10 AMP, 600 VOLT IGBT
SMART POWER 3-PHASE
MOTOR DRIVE HYBRID


Similar Part No. - MSK4354HS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4351 MSK-MSK4351 Datasheet
405Kb / 6P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
logo
Anaren Microwave
MSK4351-1 ANAREN-MSK4351-1 Datasheet
891Kb / 7P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351-1HD ANAREN-MSK4351-1HD Datasheet
891Kb / 7P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351-1HS ANAREN-MSK4351-1HS Datasheet
891Kb / 7P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351-1HU ANAREN-MSK4351-1HU Datasheet
891Kb / 7P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
More results

Similar Description - MSK4354HS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4358 MSK-MSK4358 Datasheet
421Kb / 6P
25 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4322 MSK-MSK4322 Datasheet
324Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351 MSK-MSK4351 Datasheet
405Kb / 6P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4357HU MSK-MSK4357HU Datasheet
335Kb / 6P
28 AMP, 500 VOLT IGBT PLUS DIODE SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Anaren Microwave
MSK4351-1 ANAREN-MSK4351-1 Datasheet
891Kb / 7P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4322 ANAREN-MSK4322 Datasheet
447Kb / 7P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE
MSK4304RH ANAREN-MSK4304RH Datasheet
153Kb / 7P
10 AMP, 100 VOLT RAD HARD MOSFET POWER 3-PHASE MOTOR DRIVE HYBRID
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com