Electronic Components Datasheet Search
  English  ▼

X  

MSK0004 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK0004
Description  HIGH VOLTAGE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0004 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK0004 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0004 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0004 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0004 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0004 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TYPICAL APPLICATIONS
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 QUALIFIED
0004
ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
FEATURES:
Precision High Voltage Power Supply
High Voltage Regulators
Signal Conditioning
Resolver Excitation
Transducer Power Supply
HIGH VOLTAGE
OPERATIONAL AMPLIFIER
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
DESCRIPTION:
The MSK 0004 is a high voltage operational amplifier for use in high performance signal conditioning applications,
as well as resolver excitation designs. These devices offer maximum reliability by providing internal output overload
protection and thermal overload protection. Monolithic design and internal compensation make the MSK 0004 an
excellent replacement for many general purpose operational amplifiers and specifically the LH0004. The MSK 0004 is
internally compensated and can replace the LH0004 in most applications without any changes to existing circuitry.
The device is packaged in an hermetically sealed 10 pin metal can.
PIN-OUT INFORMATION
NC
+Input
-VCC
-Input
NC
Pin Similar Replacement for the LH0004
Wide Supply Voltage Range: ±10V to ±50V
Low Offset Current: 15nA
High Voltage Gain: 200KV/V
Internal Compensation
Output Overload Protection
Thermal Overload Protection
1
2
3
4
5
Rev. - 8/02
1
NC
+VCC
Output
NC
NC
10
9
8
7
6


Similar Part No. - MSK0004

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0004 MSK-MSK0004_15 Datasheet
224Kb / 5P
Pin Similar Replacement for the LH0004
More results

Similar Description - MSK0004

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM143 NSC-LM143 Datasheet
228Kb / 12P
High Voltage Operational Amplifier
logo
Microsemi Corporation
SG143 MICROSEMI-SG143 Datasheet
81Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
Microsemi Corporation
SG1436 MICROSEMI-SG1436 Datasheet
430Kb / 5P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Microsemi Corporation
SG143 MICROSEMI-SG143_1 Datasheet
292Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
SG1436 MICROSEMI-SG1436_10 Datasheet
321Kb / 5P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
High Voltage Operational Amplifier
logo
Analog Technologies, In...
AHVOA1500V100MA ANALOGTECHNOLOGIES-AHVOA1500V100MA Datasheet
519Kb / 4P
High Voltage Operational Amplifier
11/1/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com