Electronic Components Datasheet Search
  English  ▼

X  

DG2017 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG2017
Description  Low-Voltage, Low RON, Dual DPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2017 Datasheet(HTML) 8 Page - Vishay Siliconix

  DG2017 Datasheet HTML 1Page - Vishay Siliconix DG2017 Datasheet HTML 2Page - Vishay Siliconix DG2017 Datasheet HTML 3Page - Vishay Siliconix DG2017 Datasheet HTML 4Page - Vishay Siliconix DG2017 Datasheet HTML 5Page - Vishay Siliconix DG2017 Datasheet HTML 6Page - Vishay Siliconix DG2017 Datasheet HTML 7Page - Vishay Siliconix DG2017 Datasheet HTML 8Page - Vishay Siliconix DG2017 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 22-Apr-13
1
Document Number: 71921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
QFN 4x4-16L Case Outline
Notes
(1) Use millimeters as the primary measurement.
(2) Dimensioning and tolerances conform to ASME Y14.5M. - 1994.
(3) N is the number of terminals. Nd and Ne is the number of terminals in each D and E site respectively.
(4) Dimensions b applies to plated terminal and is measured between 0.15 mm and 0.30 mm from terminal tip.
(5) The pin 1 identifier must be existed on the top surface of the package by using identification mark or other feature of package body.
(6) Package warpage max. 0.05 mm.
VARIATION 1
VARIATION 2
DIM
MILLIMETERS(1)
INCHES
MILLIMETERS(1)
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.75
0.85
0.95
0.029
0.033
0.037
0.75
0.85
0.95
0.029
0.033
0.037
A1
0
-
0.05
0
-
0.002
0
-
0.05
0
-
0.002
A3
0.20 ref.
0.008 ref.
0.20 ref.
0.008 ref.
b
0.25
0.30
0.35
0.010
0.012
0.014
0.25
0.30
0.35
0.010
0.012
0.014
D
4.00 BSC
0.157 BSC
4.00 BSC
0.157 BSC
D2
2.0
2.1
2.2
0.079
0.083
0.087
2.5
2.6
2.7
0.098
0.102
0.106
e
0.65 BSC
0.026 BSC
0.65 BSC
0.026 BSC
E
4.00 BSC
0.157 BSC
4.00 BSC
0.157 BSC
E2
2.0
2.1
2.2
0.079
0.083
0.087
2.5
2.6
2.7
0.098
0.102
0.106
K
0.20 min.
0.008 min.
0.20 min.
0.008 min.
L
0.5
0.6
0.7
0.020
0.024
0.028
0.3
0.4
0.5
0.012
0.016
0.020
N(3)
16
16
16
16
Nd(3)
4
444
Ne(3)
4
444
ECN: S13-0893-Rev. B, 22-Apr-13
DWG: 5890
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com