Electronic Components Datasheet Search
  English  ▼

X  

DG2017 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2017
Description  Low-Voltage, Low RON, Dual DPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2017 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2017 Datasheet HTML 1Page - Vishay Siliconix DG2017 Datasheet HTML 2Page - Vishay Siliconix DG2017 Datasheet HTML 3Page - Vishay Siliconix DG2017 Datasheet HTML 4Page - Vishay Siliconix DG2017 Datasheet HTML 5Page - Vishay Siliconix DG2017 Datasheet HTML 6Page - Vishay Siliconix DG2017 Datasheet HTML 7Page - Vishay Siliconix DG2017 Datasheet HTML 8Page - Vishay Siliconix DG2017 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 72228
S13-1286-Rev. C, 27-May-13
www.vishay.com
3
Vishay Siliconix
DG2017
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Room = 25 °C, full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Guaranteed by 5 V leakage testing, not production tested.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %, VIN = 0.4 V or 1.6 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Dynamic Characteristics
Turn-On Time
tON
(SW1, SW2)
VNO or VNC = 2 V, RL = 300 , CL = 35 pF
(fig. 1, 2)
Room
Full
62
85
91
ns
tON
(SW3, SW4)
Room
Full
46
74
79
Turn-Off Time
tON
(SW1, SW2)
Room
Full
12
35
36
tON
(SW3, SW4)
Room
Full
21
46
48
Break-Before-Make Time
td
(SW1, SW2)
Full
5
45
td
(SW3, SW4)
Full
5
26
Charge Injectiond
QINJ
(SW1, SW2)
CL = 1 nF, VGEN = 0 V, RGEN = 0 
(fig. 3)
Room
2
pC
QINJ
(SW3, SW4)
1
Off-Isolationd
OIRR
(SW1, SW2)
RL = 50 , CL = 5 pF, f = 1 MHz
(fig. 4)
Room
- 68
dB
OIRR
(SW3, SW4)
- 51
Crosstalkd
XTALK
(SW1, SW2)
- 69
XTALK
(SW3, SW4)
- 51
NO, NC Off Capacitance
d
COFF
(SW1, SW2)
VIN = 0 V or V+, f = 1 MHz
Room
12
pF
COFF
(SW3, SW4)
43
Channel-On Capacitanced
CON
(SW1, SW2)
86
CON
(SW3, SW4)
283
Power Supply
Power Supply Range
V+
2
5.5
V
Power Supply Current
I+
VOE = 0 V or V+
1µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com