Electronic Components Datasheet Search
  English  ▼

X  

DG417LE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG417LE
Description  6 Ω On-Resistance, 12 V, ± 5 V, 5 V, 3 V, SPST and SPDT Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417LE Datasheet(HTML) 2 Page - Vishay Siliconix

  DG417LE Datasheet HTML 1Page - Vishay Siliconix DG417LE Datasheet HTML 2Page - Vishay Siliconix DG417LE Datasheet HTML 3Page - Vishay Siliconix DG417LE Datasheet HTML 4Page - Vishay Siliconix DG417LE Datasheet HTML 5Page - Vishay Siliconix DG417LE Datasheet HTML 6Page - Vishay Siliconix DG417LE Datasheet HTML 7Page - Vishay Siliconix DG417LE Datasheet HTML 8Page - Vishay Siliconix DG417LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DG417LE, DG418LE, DG419LE
www.vishay.com
Vishay Siliconix
S22-0318-Rev. D, 11-Apr-2022
2
Document Number: 76432
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Signals on NC, NO, or COM exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings
b. All leads welded or soldered to PC board
c. Derate 6.5 mW/°C above 25 °C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
V+, VL, IN reference to V-
-0.3 to 18
V
V+ reference to GND
-0.3 to 18
GND reference to V-
-0.3 to 18
COM, NC, NO reference to V- a
-0.3 to (V+ + 0.3)
or 30 mA, whichever occurs first
Continuous current (any terminal)
30
mA
Peak current, S or D (pulsed 1 ms, 10 % duty cycle)
100
Storage temperature
(DQ, DY suffix)
-65 to +150
°C
Power dissipation (packages) b
8-pin MSOP c
320
mW
8-pin SOIC c
400
ESD / HBM
JS-001
2000
V
ESD / CDM
JS-002
2000
Latch up
JESD78
300
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com