Electronic Components Datasheet Search
  English  ▼

X  

DG417LE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG417LE
Description  6 Ω On-Resistance, 12 V, ± 5 V, 5 V, 3 V, SPST and SPDT Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417LE Datasheet(HTML) 3 Page - Vishay Siliconix

  DG417LE Datasheet HTML 1Page - Vishay Siliconix DG417LE Datasheet HTML 2Page - Vishay Siliconix DG417LE Datasheet HTML 3Page - Vishay Siliconix DG417LE Datasheet HTML 4Page - Vishay Siliconix DG417LE Datasheet HTML 5Page - Vishay Siliconix DG417LE Datasheet HTML 6Page - Vishay Siliconix DG417LE Datasheet HTML 7Page - Vishay Siliconix DG417LE Datasheet HTML 8Page - Vishay Siliconix DG417LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DG417LE, DG418LE, DG419LE
www.vishay.com
Vishay Siliconix
S22-0318-Rev. D, 11-Apr-2022
3
Document Number: 76432
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (Single supply 12 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V f
TEMP. b
TYP. c
D SUFFIX LIMITS
-40 °C to +85 °C
UNIT
MIN. d
MAX. d
Analog Switch
Analog signal range e
VANALOG
Full
-
0
12
V
Drain-source on-resistance
RDS(on)
V+ = 10.8 V, V- = 0 V
INO, INC = 5 mA, VCOM = 2 V / 9 V,
DG417LE, DG418LE only
Room
6
-
7
Full
-
-
9
V+ = 10.8 V, V- = 0 V
INO, INC = 5 mA, VCOM = 2 V / 9 V,
DG419LE only
Room
11
-
14
Full
-
-
18
Switch off leakage current
INO(off)
INC(off)
VCOM = 1 V / 11 V
VNO, VNC = 11 V / 1 V
Room
± 0.002
-2
2
nA
Full
-
-10
10
ICOM(off)
Room
± 0.003
-2
2
Full
-
-10
10
Switch on leakage current
ICOM(on)
VNO, VNC = VCOM = 11 V / 1 V
Room
± 0.006
-2
2
Full
-
-10
10
Digital Control
Input current
IINL or IINH
Full
0.02
-1
1
μA
Dynamic Characteristics
Turn-on time
tON
RL = 300 , CL = 35 pF
VNO, VNC = 5 V
Room
20
-
38
ns
Full
-
-
40
Turn-off time
tOFF
Room
15
-
32
Full
-
-
35
Break-before-make time
tBBM
DG419LE only, VNC, VNO = 5 V
RL = 300 , CL = 35 pF
Room
7
-
-
Charge injection e
QINJ
VGEN = 0 V, RGEN = 0 , CL = 1 nF
Room
26
-
-
pC
Off-isolation e
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
-68
-
-
dB
Channel-to-channel crosstalk e
XTALK
Room
-72
-
-
Source off capacitance e
CNO(off)
CNC(off)
VIN = 0 V or V+, f = 1 MHz,
DG417LE,DG418LE only
Room
11
-
-
pF
Drain-on capacitance e
CON
Room
32
-
-
Source off capacitance e
CNO(off)
CNC(off)
VIN = 0 V or V+, f = 1 MHz,
DG419LE only
Room
6
-
-
Drain-on capacitance e
CON
Room
20
-
-
Power Supplies
Positive supply current
I+
VIN = 0 V or VL
Room
0.00009
-
1
μA
Full
-
-
5
Negative supply current
I-
Room
-0.00009
-1
-
Full
-
-5
-
Logic supply current
IL
Room
0.00002
-
1
Full
-
-
5
Ground current
IGND
Room
-0.00002
-1
-
Full
-
-5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com